Electronic Components Datasheet Search
  English  ▼

X  

IR4302 Datasheet(PDF) 7 Page - International Rectifier

Part # IR4302
Description  No mechanical heatsink required
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR4302 Datasheet(HTML) 7 Page - International Rectifier

Back Button IR4302 Datasheet HTML 3Page - International Rectifier IR4302 Datasheet HTML 4Page - International Rectifier IR4302 Datasheet HTML 5Page - International Rectifier IR4302 Datasheet HTML 6Page - International Rectifier IR4302 Datasheet HTML 7Page - International Rectifier IR4302 Datasheet HTML 8Page - International Rectifier IR4302 Datasheet HTML 9Page - International Rectifier IR4302 Datasheet HTML 10Page - International Rectifier IR4302 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
IR43x2
7
www.irf.com
© 2013 International Rectifier
Apr 3, 2013
Recommended Operating Conditions
For proper operation, the device should be used within the recommended conditions below. The Vss and Vsn
offset ratings are tested with supplies biased at COM=VN1=VN2, VAA-VSS=9.6V, VCC=12V and VBn-VSn=12V. All
voltage parameters are absolute voltages referenced to COM; all currents are defined positive into any lead.
Symbol
Definition
Min
Max
Units
IR4302
-
46
IR4322
-
46
Positive power supply voltage, n=1-2, without
heatsink
IR4312
-
32
IR4302
-
62
IR4322
-
50
VPn
Positive power supply voltage, n=1-2, with
heatsink
IR4312
-
32
VBn
High side floating supply absolute voltage, n=1-2
VSn +10
VSn +14
IR4302
†
80
IR4322
†
60
VSn
High side floating supply offset voltage, n=1-2
IR4312
†
40
VAA
Floating input positive supply voltage
††
VSS + 4.5
VSS + 15
IR4302
0
80
IR4322
0
60
VSS
Floating input negative supply voltage
††
IR4312
0
40
V
IAAZ
Floating input supply zener clamp current
††
1
15
ISSZ
Floating input negative supply zener clamp current
††
1
15
mA
VCC
Low side fixed supply voltage
10
15
VIC
IN- and IN+ pins common mode input voltage
VSS + 2
VAA - 2
VIN-n
Inverting input voltage, n=1-2
VIN+ -0.5
VIN+ +0.5
VCSD
CSD pin input voltage
VSS
VAA
VCOMPn
COMP pin input voltage, n=1-2
VSS
VAA
V
CCOMPn
COMP pin phase compensation capacitor to GND , n=1-2
1
-
nF
VCSHn
CSH pin input voltage, n=1-2
VSn
VBn
V
dVss/dt
Allowable Vss voltage slew rate upon power-up
†††
-
50
V/ms
fSW
Switching Frequency
-
500
kHz
TA
Ambient Temperature
-40
100
C
†
Logic operational for Vs equal to –5V to +80V. Logic state held for Vs equal to –5V to –VBS.
††
GND input voltage is limited by IAAZ and ISSZ.
†††
Vss ramps up from 0V to 70V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com