Electronic Components Datasheet Search
  English  ▼

X  

IR4302 Datasheet(PDF) 1 Page - International Rectifier

Part # IR4302
Description  No mechanical heatsink required
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR4302 Datasheet(HTML) 1 Page - International Rectifier

  IR4302 Datasheet HTML 1Page - International Rectifier IR4302 Datasheet HTML 2Page - International Rectifier IR4302 Datasheet HTML 3Page - International Rectifier IR4302 Datasheet HTML 4Page - International Rectifier IR4302 Datasheet HTML 5Page - International Rectifier IR4302 Datasheet HTML 6Page - International Rectifier IR4302 Datasheet HTML 7Page - International Rectifier IR4302 Datasheet HTML 8Page - International Rectifier IR4302 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
IR43x2
1
www.irf.com
© 2013 International Rectifier
Apr 3, 2013
Features
2 channel integrated analog input Class D audio
amplifier in a small 7 x 7 mm PQFN44 package
No mechanical heatsink required
High peak music power output
Split or single power supply
Differential or single-ended input
Over-current, over-temperature and under
voltage protections with self-reset feature
Start/stop click noise reduction
Clip and Fault reporting outputs
High noise immunity
RoHS compliant
Typical Applications
Home theatre systems
Docking station audio systems
PC audio systems
Musical instruments
Karaoke amplifiers
Game consoles
Powered speaker systems
General purpose audio power amplifiers
Product Summary
Topology
Half-Bridge,
Full-Bridge
130 W/ 4 Ω
IR4302 Output power
(Typical, THD+N=10%)
100 W/ 3 Ω
100 W/ 4 Ω
IR4322 Output power
(Typical, THD+N=10%)
100 W/ 2 Ω
35 W/ 4 Ω
IR4312 Output power
(Typical, THD+N=10%)
40 W/ 3 Ω
*Residual noise
(AES-17, IHF-A, typical)
250 μVrms
*THD+N
(1kHz, 1W, 4 Ω, typical)
0.02 %
* In typical application example
Package
7x7mm PQFN44L
Typical Connection


Similar Part No. - IR4302

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR4302M IRF-IR4302M Datasheet
568Kb / 17P
channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
IR4302M IRF-IR4302M Datasheet
604Kb / 17P
2 channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
logo
Infineon Technologies A...
IR4302M INFINEON-IR4302M Datasheet
604Kb / 17P
2 channel integrated analog input Class D audioamplifier
Apr 3, 2013
IR4302M INFINEON-IR4302M Datasheet
4Mb / 64P
2x200W Class D Amplifier, with Analog Inputs and Integrated 49.2mΩ RDS(ON) Output Stage
2023-11-21,Rev.2.1
logo
International Rectifier
IR4302MTRPBF IRF-IR4302MTRPBF Datasheet
604Kb / 17P
2 channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
More results

Similar Description - IR4302

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCS131 THINE-THCS131 Datasheet
373Kb / 10P
No External Clock Required
THCS132 THINE-THCS132 Datasheet
596Kb / 19P
No External Clock Required
THCS133 THINE-THCS133 Datasheet
358Kb / 10P
No External Clock Required.
logo
Silicon Laboratories
CPT112S SILABS-CPT112S Datasheet
478Kb / 35P
No firmware development required
SI52131-A11A SILABS-SI52131-A11A Datasheet
1Mb / 19P
No termination resistors required
logo
Analog Devices
HMC1132 AD-HMC1132 Datasheet
694Kb / 15P
No external matching required
Rev. 0
logo
Laird Tech Smart Techno...
900 LSTD-900 Datasheet
689Kb / 1P
No heatsink preheating required
logo
Taoglas antenna solutio...
MMB.A.EXTMA TAOGLAS-MMB.A.EXTMA Datasheet
3Mb / 30P
No Drilling Required
logo
Delta Electronics, Inc.
DNT12SMD03 DELTA-DNT12SMD03 Datasheet
600Kb / 12P
No minimum load required
E48SC3R320 DELTA-E48SC3R320 Datasheet
539Kb / 15P
No minimum load required
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com