Electronic Components Datasheet Search
  English  ▼

X  

ABL Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABL
Description  HC/49US (AT49) MICROPROCESSOR CRYSTAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABL Datasheet(HTML) 1 Page - Abracon Corporation

  ABL_15 Datasheet HTML 1Page - Abracon Corporation ABL_15 Datasheet HTML 2Page - Abracon Corporation ABL_15 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
||| | | | | ||| | | | | |
ABL Series
APPLICATIONS:
FEATURES:
Pb
ISO 9001 / QS 9000
CERTIFIED
ISO 9001:2008
CERTIFIED
STANDARD SPECIFICATIONS:
ABRACON IS
ABRACON IS
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised:01.08.13
Visit www.abracon.com for Terms & Conditions of Sale
11.5 x 5.0 x 3.5 mm
• High reliability & Low Cost
• Tight stability & extended temperature
• Proven resistance welded metal package
• Home electronics
• Computers, modems, and communications
• High-precision TCXO and clock applications
• Microprocessors
HC/49US (AT49) MICROPROCESSOR CRYSTAL
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency Range
3.579545
70
MHz
Operation mode
3.579545
24.0
Fundamental AT-
cut (Standard)
24.01
70.00
3rd OT AT-cut
(Standard)
24.01
50.00
Fundamental AT-
cut or BT-cut (See
options)
Operating Temperature
0
+70
ºC
See options
Storage Temperature
-55
+125
ºC
Frequency Tolerance
-50
+50
ppm
See options
Frequency Stability over the Operating
Temperature ( ref. to +25°C)
-50
+50
ppm
See options
Equivalent series resistance (R1)
See table 1 below
Ω
Shunt capacitance (C0)
7
pF
Load capacitance (CL)
18
pF
See options
Drive Level
100
1000
µW
Aging @ 25°C per year
±5
ppm
Insulation Resistance
500
MΩ
@ 100Vdc ± 15V
Drive Level Dependency (DLD,
Minimum 7 points tested: from 1µW to
500µW)
±10
ppm
Δfrequency (Max –
Min)
25% of Max
ESR
Ω
ΔESR (Max – Min)
Max ESR in
Table 1
Ω
Max ESR over DLD
range
Table 1
Frequency (MHz)
ESR(Ω) max.
3.579 - 4.999 (Fund.)
180
5.000 - 5.999 (Fund.)
120
6.000 - 7.999 (Fund.)
100
8.000 - 8.999 (Fund.)
80
9.000 - 9.999 (Fund.)
60
10.000 - 15.999 (Fund.)
50
16.000 - 50.000 (Fund.)
40
24.01 - 31.999 (3rd O/T)
100
32.000 - 70.00 (3rd O/T)
80
Moisture Sensitivity Level (MSL) – This product is Hermetically Sealed
and not Moisture Sensitive - MSL = N/A: Not Applicable
RoHS/RoHS II


Similar Part No. - ABL_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ABL015-00 ETC-ABL015-00 Datasheet
163Kb / 6P
Single/Double Bridge Gear Tooth And Encoder Sensors
ABL015-00 ETC2-ABL015-00 Datasheet
159Kb / 12P
Package Drawings and Specifications
ABL015-10 ETC-ABL015-10 Datasheet
163Kb / 6P
Single/Double Bridge Gear Tooth And Encoder Sensors
ABL015-10 ETC2-ABL015-10 Datasheet
159Kb / 12P
Package Drawings and Specifications
More results

Similar Description - ABL_15

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABLS2 ABRACON-ABLS2 Datasheet
200Kb / 2P
HC/49US (AT49) LOW PROFILE SURFACE MOUNT MICROPROCESSOR CRYSTAL
07.27.07
ABLS3 ABRACON-ABLS3 Datasheet
235Kb / 3P
HC/49US (AT49) LOW PROFILE SURFACE MOUNT MICROPROCESSOR CRYSTAL
07.27.07
ABL ABRACON-ABL_08 Datasheet
362Kb / 3P
HC/49US (AT49) MICROPROCESSOR CRYSTAL
02.21.08
ABL2 ABRACON-ABL2_07 Datasheet
3Mb / 3P
HC/49US (AT49) MICROPROCESSOR CRYSTAL
12.17.07
ABL3 ABRACON-ABL3_07 Datasheet
3Mb / 3P
HC/49US (AT49) MICROPROCESSOR CRYSTAL
12.17.07
ABLS2 ABRACON-ABLS2_07 Datasheet
404Kb / 2P
HC/49US (AT49) LOW PROFILE SURFACE MOUNT MICROPROCESSOR CRYSTAL
12.17.07
ABLS3 ABRACON-ABLS3_07 Datasheet
410Kb / 2P
HC/49US (AT49) LOW PROFILE SURFACE MOUNT MICROPROCESSOR CRYSTAL
12.17.07
ABLS2-3.6864MHZ-D4Y-T ABRACON-ABLS2-3.6864MHZ-D4Y-T Datasheet
1Mb / 3P
HC/49US (AT49) LOW PROFILE SURFACE MOUNT MICROPROCESSOR CRYSTAL
03.31.11
ABL2 ABRACON-ABL2_15 Datasheet
1Mb / 3P
HC/49US (AT49) MICROPROCESSOR CRYSTAL
12.18.14
ABL3 ABRACON-ABL3_15 Datasheet
1Mb / 3P
HC/49US (AT49) MICROPROCESSOR CRYSTAL
09 .01 .10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com