Electronic Components Datasheet Search
  English  ▼

X  

ABL Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABL
Description  HC/49US (AT49) MICROPROCESSOR CRYSTAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABL Datasheet(HTML) 2 Page - Abracon Corporation

  ABL_15 Datasheet HTML 1Page - Abracon Corporation ABL_15 Datasheet HTML 2Page - Abracon Corporation ABL_15 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
||||| | | ||||| | | |
ABL Series
ISO 9001 / QS 9000
CERTIFIED
ISO 9001:2008
CERTIFIED
ABRACON IS
ABRACON IS
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised:01.08.13
Visit www.abracon.com for Terms & Conditions of Sale
11.5 x 5.0 x 3.5 mm
HC/49US (AT49) MICROPROCESSOR CRYSTAL
ABL -
MHz - -
-
- - -
Frequency in MHz
Please specify the frequency
in xx.xxxxMHz.
e.g. 14.3181MHz
Packaging
Blank: Bulk
T: Tape & Reel
TRAY: Tray
Load Capacitance (pF)
Please specify CL
(Minimum 10pF) in pF or
S for series
Value Added
I
Insulator Tab
L2
Middle 3rd lead
QXX
Trimmed leads
Q15
for 0.15" length
Custom ESR if other
than standard
R□
□: Specify a value in Ω
(e.g.: R40)
Oscillation Mode
F: Fund. AT>24MHz
FB: Fund. BT>24MHz
Freq. Stability
U**: ± 10 ppm
G: ± 15 ppm
X: ± 20 ppm
W: ± 25 ppm
Y: ± 30 ppm
H: ± 35 ppm
Q: ± 100 ppm
R: ± 150 ppm
Operating Temp.
A: -10°C ~ +60°C
B: -20°C ~ +70°C
C: -30°C ~ +70°C
N: -30°C ~ +85°C
D: -40°C ~ +85°C
J*: -40°C ~ +105°C
K*: -40°C ~ +125°C
L*: -55°C ~ +125°C
Freq. Tolerance
H5: ± 5 ppm
1: ± 10 ppm
7: ± 15 ppm
2: ± 20 ppm
3: ± 25 ppm
4: ± 30 ppm
NOTE:
* Frequency stability ±50ppm, ±100ppm, ±150ppm only. Contact ABRACON for tighter frequency stability.
** -10 to +60C only.
Pb RoHS/RoHS II



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com