Electronic Components Datasheet Search
  English  ▼

X  

MAX3318ECAP Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3318ECAP
Description  짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3318ECAP Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3318ECAP Datasheet HTML 4Page - Maxim Integrated Products MAX3318ECAP Datasheet HTML 5Page - Maxim Integrated Products MAX3318ECAP Datasheet HTML 6Page - Maxim Integrated Products MAX3318ECAP Datasheet HTML 7Page - Maxim Integrated Products MAX3318ECAP Datasheet HTML 8Page - Maxim Integrated Products MAX3318ECAP Datasheet HTML 9Page - Maxim Integrated Products MAX3318ECAP Datasheet HTML 10Page - Maxim Integrated Products MAX3318ECAP Datasheet HTML 11Page - Maxim Integrated Products MAX3318ECAP Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
±15kV ESD-Protected, 2.5V, 1µA, 460kbps,
RS-232 Compatible Transceivers
8
_______________________________________________________________________________________
down is typically 30µs, as shown in Figure 2. Connect
SHDN to VCC if the shutdown mode is not used; SHDN
has no effect on R_OUT.
MAX3318E/MAX3319E
AutoShutdown Plus Mode
Maxim’s AutoShutdown Plus feature on the MAX3318E/
MAX3319E allows the supply current to fall to 1µA.
These devices will enter the AutoShutdown Plus mode if
FORCEOFF is high, FORCEON is low, and they do not
sense a valid signal transition on any receiver or trans-
mitter input for 30 seconds. This may occur if the RS-232
cable is disconnected or if the peripheral transmitters
are turned off, and the UART driving the transmitter
inputs is inactive. The system turns on again when a
valid transition is applied to any RS-232 receiver or
transmitter input. As a result, the system saves power
without changes to the existing BIOS or operating system.
Figure 4a depicts valid and invalid RS-232 receiver volt-
age levels. INVALID indicates the receiver input’s condi-
tion and is independent of FORCEON and FORCEOFF
states. Figure 3 and Table 1 summarize the operating
modes of the MAX3318E/MAX3319E. FORCEON and
FORCEOFF override AutoShutdown Plus circuitry. When
neither control is asserted, the IC selects between these
states automatically based on the last receiver or trans-
mitter edge received.
When shut down, the device’s charge pumps turn off,
V+ is pulled to VCC, V- is pulled to ground, the transmitter
outputs are high impedance, and READY is driven low.
The time required to exit shutdown is typically 30µs
(Figure 2).
X
X
X
X
VALID RECEIVER
LEVEL
Active
Active
Active
Active
R_OUT
No
Yes
X
X
RECEIVER OR
TRANSMITTER
EDGE WITHIN
30s
High-Z
Active
Active
High-Z
T_OUT
Shutdown
(AutoShutdown Plus)
0
1
Normal Operation
(AutoShutdown Plus)
0
1
Normal Operation
(Forced On)
1
1
Shutdown (Forced
Off)
X
0
OPERATION
STATUS
FORCEON
FORCEOFF
No
Yes
No
X
Yes
Active
Active
Active
Active
Active
X
X
No
Yes
X
High-Z
Active
High-Z
Active
Active
Shutdown
(AutoShutdown)
INVALID**
INVALID**
Normal Operation
(AutoShutdown)
INVALID**
INVALID**
Shutdown
INVALID*
1
Normal Operation
INVALID*
1
Normal Operation
INVALID*
1
Table 1. Output Control Truth Table (MAX3318E/MAX3319E)
Table 2. Shutdown and Enable Control
Truth Table (MAX3317E)
X = Don’t care
*INVALID connected to FORCEON
**INVALID connected to FORCEON and FORCEOFF
SHDN
EN
T_OUT
R_OUT
0
0
High-Z
Active
0
1
High-Z
High-Z
1
0
Active
Active
1
1
Active
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com