Electronic Components Datasheet Search
  English  ▼

X  

MAX3318ECAP Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX3318ECAP
Description  짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3318ECAP Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX3318ECAP Datasheet HTML 8Page - Maxim Integrated Products MAX3318ECAP Datasheet HTML 9Page - Maxim Integrated Products MAX3318ECAP Datasheet HTML 10Page - Maxim Integrated Products MAX3318ECAP Datasheet HTML 11Page - Maxim Integrated Products MAX3318ECAP Datasheet HTML 12Page - Maxim Integrated Products MAX3318ECAP Datasheet HTML 13Page - Maxim Integrated Products MAX3318ECAP Datasheet HTML 14Page - Maxim Integrated Products MAX3318ECAP Datasheet HTML 15Page - Maxim Integrated Products MAX3318ECAP Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
±15kV ESD-Protected, 2.5V, 1µA, 460kbps,
RS-232 Compatible Transceivers
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2000 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
MAX3319E
FORCEON
READY
AutoShutdown
Plus
12
1
R1OUT
9
FORCEOFF 16
INVALID
10
GND
14
T1IN
11
C2-
6
C2+
5
C1-
4
C1+
2
R1IN 8
T1OUT 13
V-
7
V+
3
VCC
VCC
C4
0.1
µF
C3
0.1
µF
0.1
µF
15
C1
0.1
µF
C2
0.1
µF
CBYPASS
+2.5V
TO POWER-
MANAGEMENT
UNIT
5k
CBYPASS
MAX3318E
FORCEON
READY
14
1
R2OUT
10
R1OUT
15
FORCEOFF 20
INVALID
11
R2IN
9
GND
18
RS-232 COMPATIBLE
OUTPUTS
CMOS
INPUTS
CMOS
INPUT
T2IN
12
T1IN
13
C2-
6
C2+
5
C1-
4
C1+
2
R1IN 16
T2OUT 8
T1OUT 17
V-
7
V+
3
VCC
VCC
C4
0.1
µF
C3
0.1
µF
0.1
µF
19
C1
0.1
µF
C2
0.1
µF
+2.5V
RS-232 COMPATIBLE
INPUTS
RS-232
COMPATIBLE
OUTPUT
RS-232
COMPATIBLE
INPUT
TO POWER-
MANAGEMENT
UNIT
CMOS
OUTPUTS
CMOS
OUTPUT
5k
5k
AutoShutdown
Plus
Typical Application Circuits (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com