Electronic Components Datasheet Search
  English  ▼

X  

ABLS6M Datasheet(PDF) 4 Page - Abracon Corporation

Part # ABLS6M
Description  SMD MICROPROCESSOR CRYSTAL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABLS6M Datasheet(HTML) 4 Page - Abracon Corporation

  ABLS6M Datasheet HTML 1Page - Abracon Corporation ABLS6M Datasheet HTML 2Page - Abracon Corporation ABLS6M Datasheet HTML 3Page - Abracon Corporation ABLS6M Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive
Applications. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high
reliability where component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environ-
ment, written consent and authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
TAPE & REEL:
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
SMD MICROPROCESSOR CRYSTAL
Pb RoHS / RoHS II Compliant
6.0 x 3.0 x 1.9mm
ABLS6M
Dimensions: mm
T = tape and reel (3000pcs/reel)
No.
Dimensions
(mm)
A
100 ± 1.0
C
330 ± 2.0
D
16.4 ± 1.0
T
20.4 ± 0.5
F
13.0 ± 0.2
G
20.2 min.
H
1.5 min.
No.
Dimensions
(mm)
J
Ø1.5
K
4.0 ± 0.1
L
16.0 ± 0.3
M
7.5 ± 0.1
N
8.8 ± 0.1
P
2.2 ± 0.1
Q
0.3 ± 0.05
R
8.0 ± 0.1
S
3.4 ± 0.1
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 01.29.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com