Electronic Components Datasheet Search
  English  ▼

X  

ABLS6M Datasheet(PDF) 3 Page - Abracon Corporation

Part # ABLS6M
Description  SMD MICROPROCESSOR CRYSTAL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABLS6M Datasheet(HTML) 3 Page - Abracon Corporation

  ABLS6M Datasheet HTML 1Page - Abracon Corporation ABLS6M Datasheet HTML 2Page - Abracon Corporation ABLS6M Datasheet HTML 3Page - Abracon Corporation ABLS6M Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
OUTLINE DIMENSION:
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
SMD MICROPROCESSOR CRYSTAL
Pb RoHS / RoHS II Compliant
6.0 x 3.0 x 1.9mm
ABLS6M
Recommended Land Pattern
REFLOW PROFILE:
0.079
2.00
MIN
0.118
3.00
TYPE
0.118
3.00
TYPE
0.039
1.00
MAX.
0.091 ±0.008
2.30 ±0.20
0.118 ±0.008
3.00 ±0.20
0.260 ±0.020
6.60 ±0.50
0.012 ±0.008
0.30 ±0.20
0.012 ±0.008
0.30 ±0.20
0.209
5.30
TYPE.
0.236 ±0.008
6.00 ±0.20
0.094 ±0.004
2.40 ±0.1
0.083 ±0.008
2.10 ±0.20
0.083 ±0.008
2.10 ±0.20
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 01.29.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
ABLS6M
ABLS
Actual Size Comparison
11.4 x 4.7 x 4.2 mm
6.0 x 3.0 x 1.9 mm
Dimension: inches [mm]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com