Electronic Components Datasheet Search
  English  ▼

X  

MAX338 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX338
Description  2.35V to 5.5V, 1關A, 2Tx/2Rx RS-232 Transceivers with 짹15kV ESD-Protected I/O and Logic Pins
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX338 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX338 Datasheet HTML 6Page - Maxim Integrated Products MAX338 Datasheet HTML 7Page - Maxim Integrated Products MAX338 Datasheet HTML 8Page - Maxim Integrated Products MAX338 Datasheet HTML 9Page - Maxim Integrated Products MAX338 Datasheet HTML 10Page - Maxim Integrated Products MAX338 Datasheet HTML 11Page - Maxim Integrated Products MAX338 Datasheet HTML 12Page - Maxim Integrated Products MAX338 Datasheet HTML 13Page - Maxim Integrated Products MAX338 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
+2.35V to +5.5V, 1µA, 2Tx/2Rx RS-232 Transceivers
with ±15kV ESD-Protected I/O and Logic Pins
______________________________________________________________________________________
13
MAX3380E/
MAX3381E
CELL PHONE
LOGIC LEVELS
R2OUT
R1OUT
T2IN
T1IN
C1+
C1-
R2IN
R1IN
T2OUT
T1OUT
V+
VL
VCC
V-
CTS
Rx
RTS
Tx
VBATT
0.1
µF
0.1
µF
PERIPHERALS
RS-232 LEVELS
RTS
I/O
Rx
CTS
Tx
INVALID
FORCEON
FORCEOFF
C2+
C2-
0.1
µF
0.1
µF
0.1
µF
47
µF
Figure 11. Typical Application Circuit
Chip Information
TRANSISTOR COUNT: 1467
PROCESS: BiCMOS
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
VCC
FORCEOFF
GND
T1OUT
C2+
C1-
V+
C1+
TOP VIEW
T2OUT
R1IN
R2IN
VL
T1IN
INVALID
V-
C2-
12
11
9
10
FORCEON
R1OUT
R2OUT
T2IN
MAX3380E/
MAX3381E
TSSOP
Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com