Electronic Components Datasheet Search
  English  ▼

X  

MAX338 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX338
Description  2.35V to 5.5V, 1關A, 2Tx/2Rx RS-232 Transceivers with 짹15kV ESD-Protected I/O and Logic Pins
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX338 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX338 Datasheet HTML 1Page - Maxim Integrated Products MAX338 Datasheet HTML 2Page - Maxim Integrated Products MAX338 Datasheet HTML 3Page - Maxim Integrated Products MAX338 Datasheet HTML 4Page - Maxim Integrated Products MAX338 Datasheet HTML 5Page - Maxim Integrated Products MAX338 Datasheet HTML 6Page - Maxim Integrated Products MAX338 Datasheet HTML 7Page - Maxim Integrated Products MAX338 Datasheet HTML 8Page - Maxim Integrated Products MAX338 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
-6
-2
-4
2
0
6
4
8
0
1000
1500
500
2000
2500
3000
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
VOUT+
VOUT-
VCC = +4.2V
-6
-2
-4
2
0
6
4
8
0
1000
1500
500
2000
2500
3000
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
VOUT+
VOUT-
VCC = +2.5V
0
5
10
15
20
25
30
35
40
0
1000
500
1500
2000
2500
3000
MAX3380E
SLEW RATE vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
VCC = +4.2V
VCC = +2.5V
Typical Operating Characteristics
(VCC = VL = +4.2V, C1 = 0.22µF, C2 = C3 = C4 = 1µF, C5 = 0.1µF parallel with 47µF, RL = 3k
Ω, CL = 1000pF, data rate is 250kbps,
TA = +25°C, unless otherwise noted.)
+2.35V to +5.5V, 1µA, 2Tx/2Rx RS-232 Transceivers
with ±15kV ESD-Protected I/O and Logic Pins
4
_______________________________________________________________________________________
TIMING CHARACTERISTICS
(VCC = +2.35V to +5.5V, VL = +1.65V to +5.5V. When VCC < +4.5V, C1 = C2 = C3 = C4 = 0.1µF; when VCC
≥ +4.5V, C1 = 0.047µF,
C2 = C3 = C4 = 0.33µF; TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = VL = +3.3V, TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX3381E
250
Maximum Data Rate
RL = 3k
Ω, CL = 1000pF, one
transmitter switching
MAX3380E
460
kbps
tPLH
0.15
Receiver Propagation Delay
tPHL
Receiver input to receiver output, CL = 100pF
0.15
µs
Transmitter Skew
tPHL- tPLH (Note 2)
200
ns
Receiver Skew
tPHL- tPLH
50
ns
Transition Region Slew Rate
(MAX3380E)
VCC = +4.2V, -3.0V < T_OUT< +3.0V,
RL = 3k
Ω, CL = 250pF to 1000pF, TA = +25°C
20
100
V/µs
Transition Region Slew Rate
(MAX3381E)
VCC = +4.2V, -3.0V < T_OUT< +3.0V,
RL = 3k
Ω, CL = 150pF to 1000pF, TA = +25°C
6
30
V/µs
Transition Region Slew Rate
(MAX3380E)
VCC = +2.35V, -3.0V < T_OUT< +3.0V,
RL = 3k
Ω, CL = 250pF to 1000pF, TA = +25°C
30
V/µs
Transition Region Slew Rate
(MAX3381E)
VCC = +2.35V, -3.0V < T_OUT< +3.0V,
RL = 3k
Ω, CL = 250pF to 1000pF, TA = +25°C
10
V/µs
Note 2: Transmitter skew is measured at the transmitter zero crosspoint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com