Electronic Components Datasheet Search
  English  ▼

X  

MAX349 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX349
Description  Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX349 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX349 Datasheet HTML 1Page - Maxim Integrated Products MAX349 Datasheet HTML 2Page - Maxim Integrated Products MAX349 Datasheet HTML 3Page - Maxim Integrated Products MAX349 Datasheet HTML 4Page - Maxim Integrated Products MAX349 Datasheet HTML 5Page - Maxim Integrated Products MAX349 Datasheet HTML 6Page - Maxim Integrated Products MAX349 Datasheet HTML 7Page - Maxim Integrated Products MAX349 Datasheet HTML 8Page - Maxim Integrated Products MAX349 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Serially Controlled, Low-Voltage,
8-Channel/Dual 4-Channel Multiplexers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +4.5V to +5.5V, V- = -4.5V to -5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
V
2.4
C, E, M
VIH
DIN, SCLK, CS, RESET Input
Voltage Logic Threshold High
MAX350
nA
-50
50
M
V+ = 5.5V,
V- = -5.5V,
VCOM = VNO =
±4.5V
COM On-Leakage Current
(Note 3)
ICOM(ON)
-5
5
C, E
MAX349
-0.2
0.02
0.2
TA = +25°C
-100
100
M
-10
10
C, E
DOUT Output Voltage Logic Low
VDOUT
V
IDOUT = -1.6mA
0
0.4
C, E, M
mV
100
C, E, M
DOUT Output Voltage Logic High
VDOUT
SCLKHYST
V
IDOUT = 0.8mA
SCLK Input Hysteresis
2.8
V+
C, E, M
µA
-1
0.03
1
C, E, M
VDIN, VSCLK,
VCS = 0.8V or 2.4V
IIH, IIL
DIN, SCLK, CS, RESET Input
Current Logic High or Low
V
0.8
C, E, M
VIL
DIN, SCLK, CS, RESET Input
Voltage Logic Threshold Low
-0.2
0.001
0.2
TA = +25°C
Turn-On Time
tON
400
ns
From rising edge of CS
C, E, M
200
275
TA = +25°C
-2
2
30
C, E, M
C, E, M
RL = 50Ω, CL = 15pF,
VNO = 1VRMS, f = 100kHz
Off-Isolation
VISO
dB
pC
pF
pF
Charge Injection (Note 4)
NO Off-Capacitance
COM Off-Capacitance
VCTE
CNO(OFF)
CCOM(OFF)
VCOM = GND, f = 1MHz
CL = 1nF, VNO = 0V, RS = 0Ω
Break-Before-Make Delay
tBBM
2
ns
VNO = GND, f = 1MHz
TA = +25°C
2
TA = +25°C
110
From rising edge of CS
TA = +25°C
540
TA = +25°C
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 1)
UNITS
V+ Supply Current
I+
720
µA
V- Supply Current
I-
-1
0.1
1
µA
Turn-Off Time
tOFF
300
ns
From rising edge of CS
C, E, M
90
150
TA = +25°C
DIN = CS = SCLK = 0V or V+,
RESET = 0V or V+
DIN = CS = SCLK = 0V or V+,
RESET = 0V or V+
Channel-to-Channel Crosstalk
VCT
dB
< -90
RL = 50Ω, CL = 15pF,
VNO = 1VRMS, f = 100kHz
TA = +25°C
Switch On-Capacitance
C(ON)
> 90
C, E, M
TA = +25°C
pF
Power-Supply Range
V+, V-
±3
±8
V
TA = +25°C
8
CONDITIONS
VCOM = VNO = GND,
f = 1MHz
TA = +25°C
TA = +25°C
DIGITAL I/O
SWITCH DYNAMIC CHARACTERISTICS
POWER SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com