Electronic Components Datasheet Search
  English  ▼

X  

MAX349 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX349
Description  Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX349 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX349 Datasheet HTML 3Page - Maxim Integrated Products MAX349 Datasheet HTML 4Page - Maxim Integrated Products MAX349 Datasheet HTML 5Page - Maxim Integrated Products MAX349 Datasheet HTML 6Page - Maxim Integrated Products MAX349 Datasheet HTML 7Page - Maxim Integrated Products MAX349 Datasheet HTML 8Page - Maxim Integrated Products MAX349 Datasheet HTML 9Page - Maxim Integrated Products MAX349 Datasheet HTML 10Page - Maxim Integrated Products MAX349 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Serially Controlled, Low-Voltage,
8-Channel/Dual 4-Channel Multiplexers
_______________________________________________________________________________________
7
TIMING CHARACTERISTICS—Single +5V Supply (Figure 1)
(V+ = +4.5V to +5.5V, V- = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
SERIAL DIGITAL INTERFACE
SERIAL DIGITAL INTERFACE
Rise Time of DOUT (Note 4)
tDR
100
ns
20% of V+ to 70% of V+,
CL = 10pF
C, E, M
Allowable Fall Time at DIN,
SCLK (Note 4)
tSCF
2
µs
20% of V+ to 70% of V+,
CL = 10pF
C, E, M
Allowable Rise Time at DIN,
SCLK (Note 4)
tSCR
2
µs
20% of V+ to 70% of V+,
CL = 10pF
C, E, M
DIN Data Valid after Falling SCLK
(Note 4)
tDO
400
ns
Data Hold Time (Note 4)
Minimum Data Setup Time
(Note 4)
tDS
17
100
ns
tDH
-17
85
50% of SCLK to 10% of
DOUT, CL = 10pF
SCLK Low Time (Note 4)
ns
tCL
C, E, M
190
ns
TA = +25°C
C, E, M
C, E, M
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 1)
UNITS
C, E, M
SCLK High Time (Note 4)
CS Lag Time (Note 4)
tCSH2
240
ns
tCH
190
CS Lead Time (Note 4)
Cycle Time (Note 4)
SCLK Frequency
fSCLK
ns
0
2.1
MHz
tCH +tCL
480
tCSS
240
ns
C, E, M
ns
C, E, M
C, E, M
C, E, M
C, E, M
CONDITIONS
C, E, M
20% of V+ to 70% of V+,
CL = 10pF
ns
100
tDF
Fall Time of DOUT (Note 4)
Note 1: The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 2:
∆RON = RON(max) - RON(min). On-resistance match between channels and on-resistance flatness are guaranteed only with
specified voltages. Flatness is defined as the difference between the maximum and minimum value of on-resistance as
measured over the specified analog signal range.
Note 3: Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at room temp.
Note 4: Guaranteed by design.
Note 5: Leakage testing at single supply is guaranteed by testing with dual supplies.
Note 6: See Figure 6. Off-isolation = 20log10 VCOM/VNO, VCOM = output. NO = input to off switch.
Note 7: Between any two switches. See Figure 3.
RESET Minimum Pulse Width
tRW
70
ns
TA = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com