Electronic Components Datasheet Search
  English  ▼

X  

MAX3443ECSA Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX3443ECSA
Description  짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3443ECSA Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX3443ECSA Datasheet HTML 12Page - Maxim Integrated Products MAX3443ECSA Datasheet HTML 13Page - Maxim Integrated Products MAX3443ECSA Datasheet HTML 14Page - Maxim Integrated Products MAX3443ECSA Datasheet HTML 15Page - Maxim Integrated Products MAX3443ECSA Datasheet HTML 16Page - Maxim Integrated Products MAX3443ECSA Datasheet HTML 17Page - Maxim Integrated Products MAX3443ECSA Datasheet HTML 18Page - Maxim Integrated Products MAX3443ECSA Datasheet HTML 19Page - Maxim Integrated Products MAX3443ECSA Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
±15kV ESD-Protected, ±60V Fault-Protected,
10Mbps, Fail-Safe RS-485/J1708 Transceivers
18
______________________________________________________________________________________
Ordering Information (continued)
PART
TEMP RANGE
PIN-PACKAGE
MAX3441EESA
-40°C to +85°C
8 SO
MAX3441EEPA
-40°C to +85°C
8 PDIP
MAX3441EASA
-40°C to +125°C
8 SO
MAX3441EAPA
-40°C to +125°C
8 PDIP
MAX3442EESA
-40°C to +85°C
8 SO
MAX3442EEPA
-40°C to +85°C
8 PDIP
MAX3442EASA
-40°C to +125°C
8 SO
MAX3442EAPA
-40°C to +125°C
8 PDIP
MAX3443ECSA
0°C to +70°C
8 SO
MAX3443ECPA
0°C to +70°C
8 PDIP
MAX3443EESA
-40°C to +85°C
8 SO
MAX3443EEPA
-40°C to +85°C
8 PDIP
MAX3443EASA
-40°C to +125°C
8 SO
MAX3443EAPA
-40°C to +125°C
8 PDIP
MAX3444EESA
-40°C to +85°C
8 SO
MAX3444EEPA
-40°C to +85°C
8 PDIP
MAX3444EASA
-40°C to +125°C
8 SO
MAX3444EAPA
-40°C to +125°C
8 PDIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com