Electronic Components Datasheet Search
  English  ▼

X  

MAX3443ECSA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3443ECSA
Description  짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3443ECSA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3443ECSA Datasheet HTML 1Page - Maxim Integrated Products MAX3443ECSA Datasheet HTML 2Page - Maxim Integrated Products MAX3443ECSA Datasheet HTML 3Page - Maxim Integrated Products MAX3443ECSA Datasheet HTML 4Page - Maxim Integrated Products MAX3443ECSA Datasheet HTML 5Page - Maxim Integrated Products MAX3443ECSA Datasheet HTML 6Page - Maxim Integrated Products MAX3443ECSA Datasheet HTML 7Page - Maxim Integrated Products MAX3443ECSA Datasheet HTML 8Page - Maxim Integrated Products MAX3443ECSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
±15kV ESD-Protected, ±60V Fault-Protected,
10Mbps, Fail-Safe RS-485/J1708 Transceivers
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX3440E/MAX3442E,
Figure 3, RL = 54
Ω, CL = 50pF
Driver Propagation Delay
tPLHA,
tPLHB
MAX3444E, RDIFF = 60
Ω, CDIFF = 100pF
2000
ns
Driver Differential Propagation Delay
tDPLH,
tDPHL
Figure 4, RL = 54
Ω, CL = 50pF
2000
ns
Driver Differential Output
Transition Time
tLH,tHL
Figure 4, RL = 54
Ω, CL = 50pF
200
2000
ns
Driver Output Skew
tSKEWAB,
tSKEWBA
RL = 54
Ω, CL = 50pF,
tSKEWAB = |tPLHA - tPHLB|,
tSKEWBA = |tPLHB - tPHLA|
350
ns
Differential Driver Output Skew
tDSKEW
RL = 54
Ω, CL = 50pF,
tDSKEW = |tDPLH - tDPHL|
200
ns
Maximum Data Rate
fMAX
250
kbps
Driver Enable Time to Output High
tPDZH
Figure 5, RL = 500
Ω, CL = 50pF
2000
ns
Driver Disable Time from Output High
tPDHZ
Figure 5, RL = 500
Ω, CL = 50pF
2000
ns
Driver Enable Time from Shutdown to
Output High
tPDHS
Figure 5, RL = 500
Ω, CL = 50pF
(MAX3442E/MAX3444E)
4.2
µs
Driver Enable Time to Output Low
tPDZL
Figure 6, RL = 500
Ω, CL = 50pF
2000
ns
Driver Disable Time from Output Low
tPDLZ
Figure 6, RL = 500
Ω, CL = 50pF
2000
ns
Driver Enable Time from Shutdown to
Output Low
tPDLS
Figure 6, RL = 500
Ω, CL = 50pF
(MAX3442E/MAX3444E)
4.2
µs
Driver Time to Shutdown
tSHDN
RL = 500
Ω, CL = 50pF (MAX3442E/MAX3444E)
800
ns
Receiver Propagation Delay
tRPLH,
tRPHL
Figure 7, CL = 20pF, VID = 2V, VCM = 0
2000
ns
Receiver Output Skew
tRSKEW
CL = 20pF, tRSKEW = |tRPLH - tRPHL|
200
ns
Receiver Enable Time to Output High
tRPZH
Figure 8, RL = 1k
Ω, CL = 20pF
2000
ns
Receiver Disable Time from Output HightRPHZ
Figure 8, RL = 1k
Ω, CL = 20pF
2000
ns
Receiver Wake Time from Shutdown
tRPWAKE
Figure 8, RL = 1k
Ω, CL = 20pF
(MAX3442E/MAX3444E)
4.2
µs
Receiver Enable Time to Output Low
tRPZL
Figure 8, RL = 1k
Ω, CL = 20pF
2000
ns
Receiver Disable Time from Output Low
tRPLZ
Figure 8, RL = 1k
Ω, CL = 20pF
2000
ns
Receiver Time to Shutdown
tSHDN
RL = 500
Ω, CL= 50pF
(MAX3442E/MAX3444E)
800
ns
SWITCHING CHARACTERISTICS (MAX3440E/MAX3442E/MAX3444E)
(VCC = +4.75V to +5.25V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com