Electronic Components Datasheet Search
  English  ▼

X  

MAX247CPL Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX247CPL
Description  5V-Powered, Multichannel RS-232 Drivers/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX247CPL Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX247CPL Datasheet HTML 9Page - Maxim Integrated Products MAX247CPL Datasheet HTML 10Page - Maxim Integrated Products MAX247CPL Datasheet HTML 11Page - Maxim Integrated Products MAX247CPL Datasheet HTML 12Page - Maxim Integrated Products MAX247CPL Datasheet HTML 13Page - Maxim Integrated Products MAX247CPL Datasheet HTML 14Page - Maxim Integrated Products MAX247CPL Datasheet HTML 15Page - Maxim Integrated Products MAX247CPL Datasheet HTML 16Page - Maxim Integrated Products MAX247CPL Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
+5V-Powered, Multichannel RS-232
Drivers/Receivers
______________________________________________________________________________________
13
TA1–TA4
TB1–TB4
RA1–RA4
RB1–RB4
0
0
0
0
Normal Operation
All Active
All Active
All Active
All Active
0
0
0
1
Normal Operation
All Active
All Active
All Active
All 3-State, except
RB5 stays active on
MAX247
0
0
1
0
Normal Operation
All Active
All Active
All 3-State
All Active
0
0
1
1
Normal Operation
All Active
All Active
All 3-State
All 3-State, except
RB5 stays active on
MAX247
0
1
0
0
Normal Operation
All Active
All 3-State
All Active
All Active
0
1
0
1
Normal Operation
All Active
All 3-State
All Active
All 3-State, except
RB5 stays active on
MAX247
0
1
1
0
Normal Operation
All Active
All 3-State
All 3-State
All Active
0
1
1
1
Normal Operation
All Active
All 3-State
All 3-State
All 3-State, except
RB5 stays active on
MAX247
1
0
0
0
Normal Operation
All 3-State
All Active
All Active
All Active
1
0
0
1
Normal Operation
All 3-State
All Active
All Active
All 3-State, except
RB5 stays active on
MAX247
1
0
1
0
Normal Operation
All 3-State
All Active
All 3-State
All Active
1
0
1
1
Normal Operation
All 3-State
All Active
All 3-State
All 3-State, except
RB5 stays active on
MAX247
1
1
0
0
Shutdown
All 3-State
All 3-State
Low-Power
Receive Mode
Low-Power
Receive Mode
1
1
0
1
Shutdown
All 3-State
All 3-State
Low-Power
Receive Mode
All 3-State, except
RB5 stays active on
MAX247
1
1
1
0
Shutdown
All 3-State
All 3-State
All 3-State
Low-Power
Receive Mode
1
1
1
1
Shutdown
All 3-State
All 3-State
All 3-State
All 3-State, except
RB5 stays active on
MAX247
Table 1d. MAX247/MAX248/MAX249 Control Pin Configurations
MAX248
OPERATION
STATUS
ENRB
MAX247
TA1–TA4
TB1–TB4
RA1–RA4
RB1–RB5
TRANSMITTERS
ENRA
ENTB
ENTA
MAX249
TA1–TA3
TB1–TB3
RA1–RA5
RB1–RB5
RECEIVERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com