Electronic Components Datasheet Search
  English  ▼

X  

MAX247CPL Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX247CPL
Description  5V-Powered, Multichannel RS-232 Drivers/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX247CPL Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX247CPL Datasheet HTML 16Page - Maxim Integrated Products MAX247CPL Datasheet HTML 17Page - Maxim Integrated Products MAX247CPL Datasheet HTML 18Page - Maxim Integrated Products MAX247CPL Datasheet HTML 19Page - Maxim Integrated Products MAX247CPL Datasheet HTML 20Page - Maxim Integrated Products MAX247CPL Datasheet HTML 21Page - Maxim Integrated Products MAX247CPL Datasheet HTML 22Page - Maxim Integrated Products MAX247CPL Datasheet HTML 23Page - Maxim Integrated Products MAX247CPL Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
+5V-Powered, Multichannel RS-232
Drivers/Receivers
20
______________________________________________________________________________________
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
T5IN
N.C.
SHDN
T2IN
T2OUT
T1OUT
T5OUT
T4IN
T3IN
V-
C1+
VCC
GND
T1IN
12
11
9
10
C2-
C2+
C1-
V+
DIP/SO
MAX230
V+
V-
9
C1+
C1-
8
10
11
12
5
4
14
13
2
3
1
20
T3IN
T4IN
T2IN
T5IN
T1OUT
T2OUT
+5V INPUT
C2+
C2-
RS-232
OUTPUTS
TTL/CMOS
INPUTS
GND
6
400k
Ω
+5V
400k
Ω
+5V
400k
Ω
+5V
400k
Ω
+5V
400k
Ω
+5V
+10V TO -10V
VOLTAGE INVERTER
VCC
+5V TO +10V
VOLTAGE DOUBLER
7
1.0
µF
1.0
µF
1.0
µF
1.0
µF
19
15
16
T3OUT
T4OUT
18
x
T1IN
T3OUT
T4OUT
T5OUT
17
1.0
µF
T2
T3
T4
T5
N.C.
SHDN
T1
TOP VIEW
Figure 9. MAX230 Pin Configuration and Typical Operating Circuit
V+
V-
14
C1+
C1-
1
2
8
7
3
11
4
T2IN
T1IN
T1OUT
T2OUT
+5V INPUT
RS-232
INPUTS
TTL/CMOS
OUTPUTS
GND
12 (14)
5k
Ω
5k
Ω
+12V TO -12V
VOLTAGE CONVERTER
13 (15)
1.0
µF
1.0
µF
C2
1.0
µF
400k
Ω
+5V
400k
Ω
+5V
6
9
10
R1IN
R2IN
R2OUT
R1OUT
5
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
V+
VCC
GND
T1OUT
T2OUT
V-
C-
C+
MAX231
R1IN
R1OUT
T1IN
N.C.
N.C.
T2IN
R2OUT
R2IN
SO
(12)
RS-232
OUTPUTS
TTL/CMOS
INPUTS
(11)
(13)
(10)
VCC
PIN NUMBERS IN ( ) ARE FOR SO PACKAGE
14
13
12
11
10
9
8
1
2
3
4
5
6
7
V+
VCC
GND
T1OUT
T2OUT
V-
C-
C+
MAX231
R1IN
R1OUT
T1IN
T2IN
R2OUT
R2IN
DIP
+7.5V TO +12V
(16)
T1
T2
R1
R2
TOP VIEW
Figure 10. MAX231 Pin Configurations and Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com