Electronic Components Datasheet Search
  English  ▼

X  

9DB233 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # 9DB233
Description  SMBus Interface; allows control of PLL BW and Mode
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DB233 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  9DB233 Datasheet HTML 1Page - Integrated Circuit Systems 9DB233 Datasheet HTML 2Page - Integrated Circuit Systems 9DB233 Datasheet HTML 3Page - Integrated Circuit Systems 9DB233 Datasheet HTML 4Page - Integrated Circuit Systems 9DB233 Datasheet HTML 5Page - Integrated Circuit Systems 9DB233 Datasheet HTML 6Page - Integrated Circuit Systems 9DB233 Datasheet HTML 7Page - Integrated Circuit Systems 9DB233 Datasheet HTML 8Page - Integrated Circuit Systems 9DB233 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DATASHEET
TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3
9DB233
IDT®
TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3
1
9DB233
REV E 021914
Description
The 9DB233 zero-delay buffer supports PCIe Gen3
requirements, while being backwards compatible to PCIe
Gen2 and Gen1. The 9DB233 is driven by a differential
SRC output pair from an IDT 932S421 or 932SQ420 or
equivalent main clock generator. It attenuates jitter on the
input clock and has a selectable PLL bandwidth to
maximize performance in systems with or without
Spread-Spectrum clocking. An SMBus interface allows
control of the PLL bandwidth and bypass options, while 2
clock request (OE#) pins make the 9DB233 suitable for
Express Card applications.
Recommended Application
2 output PCIe Gen3 zero-delay/fanout buffer
Output Features
• 2 - 0.7V current mode differential HCSL output pairs
Features/Benefits
• OE# pins; suitable for Express Card applications
• PLL or bypass mode; PLL can dejitter incoming clock
• Selectable PLL bandwidth; minimizes jitter peaking in
downstream PLL's
• Spread Spectrum Compatible; tracks spreading input
clock for low EMI
• SMBus Interface; allows control of PLL BW and Mode
Key Specifications
• Cycle-to-cycle jitter < 50 ps
• Output-to-output skew < 50 ps
• PCIe Gen3 phase jitter < 1.0ps RMS
Block Diagram
SPREAD
COMPATIBLE
PLL
CONTROL
LOGIC
SMBDAT
SMBCLK
SRC_IN
SRC_IN#
PLL_BW
IREF
DIF_0
DIF_1
OE1#
OE0#


Similar Part No. - 9DB233

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DB233 IDT-9DB233 Datasheet
198Kb / 14P
Two Output Differential Buffer for PCIe Gen3
logo
Renesas Technology Corp
9DB233 RENESAS-9DB233 Datasheet
376Kb / 18P
TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3
OCTOBER 20, 2016
9DB233 RENESAS-9DB233 Datasheet
343Kb / 18P
TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3
OCTOBER 20, 2016
logo
Integrated Device Techn...
9DB233AFILF IDT-9DB233AFILF Datasheet
198Kb / 14P
Two Output Differential Buffer for PCIe Gen3
logo
Renesas Technology Corp
9DB233AFILF RENESAS-9DB233AFILF Datasheet
343Kb / 18P
TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3
OCTOBER 20, 2016
More results

Similar Description - 9DB233

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9556 PHILIPS-PCA9556 Datasheet
111Kb / 12P
Octal SMBus Registered Interface
1998 Dec 18
logo
Texas Instruments
TPS61195 TI-TPS61195 Datasheet
722Kb / 27P
TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
TPS61195 TI-TPS61195_1 Datasheet
891Kb / 29P
TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
logo
NXP Semiconductors
PCA9556 PHILIPS-PCA9556_02 Datasheet
108Kb / 13P
Octal SMBus and I2C registered interface
2002 Mar 28
logo
ATMEL Corporation
MSL3085BT ATMEL-MSL3085BT Datasheet
1Mb / 20P
8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface
logo
Integrated Circuit Syst...
9DBV0731 ICST-9DBV0731 Datasheet
205Kb / 16P
Spread Spectrum tolerant; allows reduction of EMI
logo
Global Mixed-mode Techn...
G788 GMT-G788 Datasheet
45Kb / 1P
Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
G7951 GMT-G7951 Datasheet
35Kb / 2P
Three Remote Temperature Sensors and One PWM Mode Fan Controllers with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX3795EVKIT MAXIM-MAX3795EVKIT Datasheet
343Kb / 6P
Allows Optical and Electrical Evaluation
Rev 0, 11/04
MAX9235EVKIT MAXIM-MAX9235EVKIT Datasheet
151Kb / 5P
Allows Common-Mode Testing
Rev 0; 3/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com