Electronic Components Datasheet Search
  English  ▼

X  

9DB633 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # 9DB633
Description  SMBus Interface/unused outputs can be disabled
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DB633 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  9DB633 Datasheet HTML 1Page - Integrated Circuit Systems 9DB633 Datasheet HTML 2Page - Integrated Circuit Systems 9DB633 Datasheet HTML 3Page - Integrated Circuit Systems 9DB633 Datasheet HTML 4Page - Integrated Circuit Systems 9DB633 Datasheet HTML 5Page - Integrated Circuit Systems 9DB633 Datasheet HTML 6Page - Integrated Circuit Systems 9DB633 Datasheet HTML 7Page - Integrated Circuit Systems 9DB633 Datasheet HTML 8Page - Integrated Circuit Systems 9DB633 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
IDT®
Six Output Differential Buffer for PCIe Gen3
1668E—02/19/14
9DB633
Six Output Differential Buffer for PCIe Gen3
2
Datasheet
Power Distribution Table
Pin Configuration
VDD
GND
7, 13, 16, 22
8,21
Differential Outputs
13
8
SMBus
N/A
27
IREF
28
27
Analog VDD & GND for PLL core
Description
Pin Number
PLL_BW 1
28 VD DA
SRC_IN 2
27 GNDA
SRC_IN# 3
26 IREF
vOE1# 4
25 vOE4#
DIF_0 5
24 DIF_5
DIF_0# 6
23 DIF_5#
VDD 7
22 VD D
GND 8
21 GND
DIF_1 9
20 DIF_4
DIF_1# 10
19 DIF_4#
DIF_2 11
18 DIF_3
DIF_2# 12
17 DIF_3#
VDD 13
16 VD D
SMBDAT 14
15 SMBCLK
120K ohm pull down resistors
Note:Pins preceeded by ' v ' have internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com