Electronic Components Datasheet Search
  English  ▼

X  

9DB633 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # 9DB633
Description  SMBus Interface/unused outputs can be disabled
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DB633 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  9DB633 Datasheet HTML 1Page - Integrated Circuit Systems 9DB633 Datasheet HTML 2Page - Integrated Circuit Systems 9DB633 Datasheet HTML 3Page - Integrated Circuit Systems 9DB633 Datasheet HTML 4Page - Integrated Circuit Systems 9DB633 Datasheet HTML 5Page - Integrated Circuit Systems 9DB633 Datasheet HTML 6Page - Integrated Circuit Systems 9DB633 Datasheet HTML 7Page - Integrated Circuit Systems 9DB633 Datasheet HTML 8Page - Integrated Circuit Systems 9DB633 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
9DB633
IDT®
Six Output Differential Buffer for PCIe Gen3
1668E—02/19/14
Six Output Differential Buffer for PCIe Gen3
1
DATASHEET
Recommended Application:
6 output PCIe Gen3 zero-delay/fanout buffer
General Description:
The 9DB633 zero-delay buffer supports PCIe Gen3
requirements, while being backwards compatible to PCIe
Gen2 and Gen1. The 9DB633 is driven by a differential SRC
output pair from an IDT 932S421 or 932SQ420 or equivalent
main clock generator. It attenuates jitter on the input clock
and has a selectable PLL bandwidth to maximize
performance in systems with or without Spread-Spectrum
clocking. An SMBus interface allows control of the PLL
bandwidth and bypass options, while 2 clock request (OE#)
pins make the 9DB633 suitable for Express Card
applications.
Key Specifications:
•
Cycle-to-cycle jitter < 50 ps
•
Output-to-output skew < 50 ps
•
PCIe Gen3 phase jitter < 1.0ps RMS
Features/Benefits:
•
OE# pins/Suitable for Express Card applications
•
PLL or bypass mode/PLL can dejitter incoming clock
•
Selectable PLL bandwidth/minimizes jitter peaking in
downstream PLL's
•
Spread Spectrum Compatible/tracks spreading input
clock for low EMI
•
SMBus Interface/unused outputs can be disabled
Output Features:
•
6 - 0.7V current mode differential HCSL output pairs
Block Diagram
SPREAD
COMPATIBLE
PLL
CONTROL
LOGIC
SMBDAT
SMBCLK
SRC_IN
SRC_IN#
PLL_BW
IREF
DIF1
DIF4
OE4#
OE1#
DIF(0,2,3,5)


Similar Part No. - 9DB633

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DB633 IDT-9DB633 Datasheet
238Kb / 14P
Six Output Differential Buffer for PCIe Gen3
logo
Renesas Technology Corp
9DB633 RENESAS-9DB633 Datasheet
332Kb / 15P
Six Output Differential Buffer for PCIe Gen3
10/20/16
9DB633 RENESAS-9DB633 Datasheet
298Kb / 15P
Six Output Differential Buffer for PCIe Gen3
10/20/16
logo
Integrated Device Techn...
9DB633AFILF IDT-9DB633AFILF Datasheet
238Kb / 14P
Six Output Differential Buffer for PCIe Gen3
logo
Renesas Technology Corp
9DB633AFILF RENESAS-9DB633AFILF Datasheet
298Kb / 15P
Six Output Differential Buffer for PCIe Gen3
10/20/16
More results

Similar Description - 9DB633

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9556 PHILIPS-PCA9556 Datasheet
111Kb / 12P
Octal SMBus Registered Interface
1998 Dec 18
logo
Maxim Integrated Produc...
MAX1619 MAXIM-MAX1619 Datasheet
304Kb / 20P
Remote/Local Temperature Sensor with Dual- Alarm Outputs and SMBus Serial Interface
19-1483; Rev 0; 4/99
logo
Nel Frequency Controls,...
AA-X36KXXX-X NEL-AA-X36KXXX-X Datasheet
160Kb / 3P
The outputs can be disabled for test automation or combining multiple clocks
AB-A3DBXXX-X NEL-AB-A3DBXXX-X Datasheet
159Kb / 3P
The outputs can be disabled for test automation or combining multiple clocks
logo
STMicroelectronics
AN1934 STMICROELECTRONICS-AN1934 Datasheet
808Kb / 32P
This circuit can be used to produce multiple outputs
11-Nov-2014
logo
Integrated Circuit Syst...
9DB433 ICST-9DB433 Datasheet
231Kb / 17P
SMBus Interface; unused outputs can be disabled
REV G 08/25/15
9DB833 ICST-9DB833 Datasheet
240Kb / 18P
SMBus Interface; unused outputs can be disabled
REV G 082515
9DB1233 ICST-9DB1233 Datasheet
187Kb / 15P
SMBus Interface/unused outputs can be disabled
logo
Integrated Device Techn...
9FGV0631C IDT-9FGV0631C Datasheet
207Kb / 15P
Outputs can optionally be supplied from any voltage
9FGV0831 IDT-9FGV0831 Datasheet
209Kb / 16P
Outputs can optionally be supplied from any voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com