Electronic Components Datasheet Search
  English  ▼

X  

MAX3766EEP Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX3766EEP
Description  622Mbps LAN/WAN Laser Driver with Automatic Power Control and Safety Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3766EEP Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX3766EEP Datasheet HTML 12Page - Maxim Integrated Products MAX3766EEP Datasheet HTML 13Page - Maxim Integrated Products MAX3766EEP Datasheet HTML 14Page - Maxim Integrated Products MAX3766EEP Datasheet HTML 15Page - Maxim Integrated Products MAX3766EEP Datasheet HTML 16Page - Maxim Integrated Products MAX3766EEP Datasheet HTML 17Page - Maxim Integrated Products MAX3766EEP Datasheet HTML 18Page - Maxim Integrated Products MAX3766EEP Datasheet HTML 19Page - Maxim Integrated Products MAX3766EEP Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
622Mbps LAN/WAN Laser Driver with
Automatic Power Control and Safety Shutdown
16
______________________________________________________________________________________
VIN+
0.2pF
0.4pF
Q1
Q2
Q3
Q4
0.2pF
Q1, Q2 INPUT BIAS CURRENT
≅ 1µA
Q1, Q2 INPUT RESISTANCE
≅ 1MΩ
Q3, Q4 OUTPUT RESISTANCE
≅ 100kΩ
Q5 OUTPUT RESISTANCE
≅ 100kΩ
0.4pF
250
Ω
VCC
1.5nH
1.5nH
VCC
VCC
1.5nH
1.5nH
1.5nH
0.2pF
0.2pF
1pF
1pF
0.2pF
2pF
Q5
IBIAS
IMOD
OUT+
OUT-
PACKAGE
PACKAGE
VCC - 2.5
VCC - 2.5
VCC - 2.5
INPUT
OUTPUT
BIAS
VIN-
250
Ω
VCC
VCC
VCC
PACKAGE
Figure 11. Interface Models



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com