Electronic Components Datasheet Search
  English  ▼

X  

MAX3766EEP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3766EEP
Description  622Mbps LAN/WAN Laser Driver with Automatic Power Control and Safety Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3766EEP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3766EEP Datasheet HTML 1Page - Maxim Integrated Products MAX3766EEP Datasheet HTML 2Page - Maxim Integrated Products MAX3766EEP Datasheet HTML 3Page - Maxim Integrated Products MAX3766EEP Datasheet HTML 4Page - Maxim Integrated Products MAX3766EEP Datasheet HTML 5Page - Maxim Integrated Products MAX3766EEP Datasheet HTML 6Page - Maxim Integrated Products MAX3766EEP Datasheet HTML 7Page - Maxim Integrated Products MAX3766EEP Datasheet HTML 8Page - Maxim Integrated Products MAX3766EEP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
622Mbps LAN/WAN Laser Driver with
Automatic Power Control and Safety Shutdown
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage, VCC, VCCOUT .................................-0.5V to 7.0V
Voltage at IN+, IN-, ENABLE,
SAFETY, FAIL ...........................................-0.5V to (VCC + 0.5V)
Voltage at MOD, BIASMAX, POWERSET, TC ..........-0.5V to 4.0V
Current out of REF1, REF2 .................................-0.1mA to 10mA
Current into OUT+, OUT- ....................................-5mA to 100mA
Current into BIAS.................................................-5mA to 130mA
Current into MD .......................................................-5mA to 5mA
Current into FAIL ...................................................-5mA to 30mA
Current into SAFETY..............................................-5mA to 10mA
Continuous Power Dissipation (TA = +85°C)
QSOP (derate 9.1mW/°C above +85°C) .......................590mW
Operating Junction Temperature Range ...........-40°C to +150°C
Processing Temperature (dice) .......................................+400°C
Storage Temperature Range .............................-55°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
CONDITIONS
UNITS
MIN
TYP
MAX
PARAMETER
V
4.5
5.0
5.5
Supply Voltage, VCC
(Note 1)
°C
-40
25
85
Ambient Operating Temperature
Referenced to VCC
V
-1.4
-1.3
-1.19
Input Common-Mode Voltage
V
0.8
Enable Input Low
VIN+ - VIN-, common-mode input =
VCC - 1.3V, Figure 1
V
2.0
Enable Input High
mV
500
1000
1800
Differential Input Signal Amplitude
V
VCC - 2.5
Voltage at BIAS
While using APC
%
50
Data Duty Cycle
Gbps
DC to 1.25
Data Rate
V
VCC - 2.5
Voltage at OUT+, OUT-
Not tested
mA/mA
0.001 to 0.1
Laser to PIN Coupling
R FAIL = 5.1k
Ω
V
4.3
FAIL Output High
(Note 3)
mA
0.5
80
Bias-Current Range
ICC (Note 2)
IMD > 15µA, R FAIL = 5.1kΩ
V
0.33
0.44
FAIL Output Low
mA
21
25
32
Supply Current
µA
0.1
10
Bias Current when Driver is
Disabled or Shut Down
Input data low (Note 2)
µA
1
200
Modulation Current
Input data high (Note 3)
mA
2
60
Modulation-Current Programmable
Range
RTC = 0Ω
ppm/°C
-50
Minimum Modulation-Current
Temperature Compensation
µA
10
Modulation Current when Driver is
Disabled or Shut Down
All DC testing uses 5.1k
Ω load
k
Ω
2.7 to 20
FAIL Load
RTC = open
ppm/°C
5600
Maximum Modulation-Current
Temperature Compensation
RECOMMENDED OPERATING CONDITIONS
DC PARAMETERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com