Electronic Components Datasheet Search
  English  ▼

X  

9DMU0131 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # 9DMU0131
Description  Spread Spectrum Compatible
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DMU0131 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  9DMU0131 Datasheet HTML 1Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 2Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 3Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 4Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 5Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 6Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 7Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 8Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
REVISION A 09/30/14
3
2:1 1.5V PCIE GEN1-2-3 CLOCK MUX
9DMU0131 DATASHEET
Test Loads
Driving LVDS
Rs
Low-Power HCSL
Output
Rs
5 inches
Low-Power HCSL Output Test Load
2pF
2pF
Zo=100ohms
Alternate Differential Output Terminations
Rs
Zo
Units
33
100
27
85
Ohms
Driving LVDS inputs
Receiver has
termination
Receiver does not
have termination
R7a, R7b
10K ohm
140 ohm
R8a, R8b
5.6K ohm
75 ohm
Cc
0.1 uF
0.1 uF
Vcm
1.2 volts
1.2 volts
Component
Value
Note
LVDS CLK
Input
L4
R8b
R7b
R8a
R7a
3.3 Volts
Cc
Cc
Rs
Rs
Driving LVDS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com