Electronic Components Datasheet Search
  English  ▼

X  

9DMU0131 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # 9DMU0131
Description  Spread Spectrum Compatible
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DMU0131 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  9DMU0131 Datasheet HTML 1Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 2Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 3Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 4Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 5Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 6Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 7Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 8Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
REVISION A 09/30/14
5
2:1 1.5V PCIE GEN1-2-3 CLOCK MUX
9DMU0131 DATASHEET
Electrical Characteristics–Clock Input Parameters
Electrical Characteristics–DIF Low-Power HCSL Outputs
Electrical Characteristics–Current Consumption
TA = TAMB, Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Input High Voltage - DIF_IN
VIHDIF
Differential inputs
(single-ended measurement)
300
750
1150
mV
1
Input Low Voltage - DIF_IN
VILDIF
Differential inputs
(single-ended measurement)
VSS - 300
0
300
mV
1
Input Common Mode
Voltage - DIF_IN
VCOM
Common Mode Input Voltage
200
725
mV
1
Input Amplitude - DIF_IN
VSWING
Peak to Peak value (VIHDIF - VILDIF)
300
1450
mV
1
Input Slew Rate - DIF_IN
dv/dt
Measured differentially
0.35
8
V/ns
1,2
Input Leakage Current
IIN
VIN = VDD , VIN = GND
-5
5
uA
Input Duty Cycle
dtin
Measurement from differential wavefrom
45
50
55
%
1
Input Jitter - Cycle to Cycle
JDIFIn
Differential Measurement
0
150
ps
1
1 Guaranteed by design and characterization, not 100% tested in production.
2 Slew rate measured through +/-75mV window centered around differential zero
TA = TAMB, Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Slew rate
dV/dt
Scope averaging on, fast setting
1.3
2.5
3.9
V/ns
1,2,3
Slew rate matching
ΔdV/dt
Slew rate matching, Scope averaging on
16
20
%
1,2,4
Voltage High
VHIGH
550
766
850
Voltage Low
VLOW
-150
22
150
Max Voltage
Vmax
774
1150
Min VoltageVmin
-300
-33
Vswing
Vswing
Scope averaging off
300
1488
mV
1,2
Crossing Voltage (abs)
Vcross_abs
Scope averaging off
250
382
550
mV
1,5
Crossing Voltage (var)
Δ-Vcross
Scope averaging off
11
140
mV
1,6
2 Measured from differential waveform
3 Slew rate is measured through the Vswing voltage range centered around differential 0V. This results in a +/-150mV window around
differential 0V.
4 Matching applies to rising edge rate for Clock and falling edge rate for Clock#. It is measured using a +/-75mV window centered on
the average cross point where Clock rising meets Clock# falling. The median cross point is used to calculate the voltage thresholds the
oscilloscope is to use for the edge rate calculations.
5 Vcross is defined as voltage where Clock = Clock# measured on a component test board and only applies to the differential rising
edge (i.e. Clock rising and Clock# falling).
6 The total variation of all Vcross measurements in any particular system. Note that this is a subset of Vcross_min/max (Vcross
absolute) allowed. The intent is to limit Vcross induced modulation by setting
Δ-Vcross to be smaller than Vcross absolute.
Statistical measurement on single-ended signal
using oscilloscope math function. (Scope
averaging on)
mV
Measurement on single ended signal using
absolute value. (Scope averaging off)
mV
1Guaranteed by design and characterization, not 100% tested in production.
TA = TAMB, Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Operating Supply Current
IDD
VDD, All outputs active @100MHz
711
mA
1
Powerdown Current
IDDPD
VDD, all outputs disabled
1.4
2.5
mA
1, 2
1 Guaranteed by design and characterization, not 100% tested in production.
2 Input clock stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com