Electronic Components Datasheet Search
  English  ▼

X  

82P33724 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # 82P33724
Description  Differential reference inputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

82P33724 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button 82P33724 Datasheet HTML 2Page - Integrated Circuit Systems 82P33724 Datasheet HTML 3Page - Integrated Circuit Systems 82P33724 Datasheet HTML 4Page - Integrated Circuit Systems 82P33724 Datasheet HTML 5Page - Integrated Circuit Systems 82P33724 Datasheet HTML 6Page - Integrated Circuit Systems 82P33724 Datasheet HTML 7Page - Integrated Circuit Systems 82P33724 Datasheet HTML 8Page - Integrated Circuit Systems 82P33724 Datasheet HTML 9Page - Integrated Circuit Systems 82P33724 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
82P33724 SHORT FORM DATA SHEET
PORT SYNCHRONIZER FOR IEEE 1588 AND
SYNCHRONOUS ETHERNET
6
REVISION 1 09/23/14
Output Clock
30
28
OUT1
OUT2
OCMOS
OUT1 ~ OUT2: Output Clock 1 ~ 2
25
26
OUT3_POS
OUT3_NEG
O
PECL/LVDS OUT3_POS / OUT3_NEG: Positive / Negative Output Clock 3
This output is set to LVDS by default.The LVDS output has internal 100 ohm termination.
21
22
OUT4_POS
OUT4_NEG
O
PECL/LVDS OUT4_POS / OUT4_NEG: Positive / Negative Output Clock 4
This output is set to LVDS by default.The LVDS output has internal 100 ohm termination.
71
70
OUT5_POS
OUT5_NEG
O
PECL/LVDS OUT5_POS / OUT5_NEG: Positive / Negative Output Clock 5
This output is set to LVDS by default.The LVDS output has internal 100 ohm termination.
68
67
OUT6_POS
OUT6_NEG
O
PECL/LVDS OUT6_POS / OUT6_NEG: Positive / Negative Output Clock 6
This output is set to LVDS by default.The LVDS output has internal 100 ohm termination.
65
63
OUT7
OUT8
OCMOS
OUT7 ~ OUT8: Output Clock 7 ~ 8
61
60
OUT9
OUT10
OCMOS
OUT9 ~ OUT10: Output Clock 9 ~ 10
Miscellaneous
13
VC1
O
Analog
VC1: APLL1 VC Output
An external RC filter (a resistor in series with a capacitor to ground, and another capacitor in
parallel) should be connected to this pin.
1VC2
O
Analog
VC2: APLL2 VC Output
An external RC filter (a resistor in series with a capacitor to ground, and another capacitor in
parallel) should be connected to this pin.
Lock Signal
54
DPLL3_LOCK
OCMOS
DPLL3_LOCK
This pin goes high when DPLL3 is locked
56
DPLL2_LOCK
OCMOS
DPLL2_LOCK
This pin goes high when DPLL2 is locked
55
DPLL1_LOCK
OCMOS
DPLL1_LOCK
This pin goes high when DPLL1 is locked
Microprocessor Interface
57
INT_REQ
O
Tri-state
CMOS
INT_REQ: Interrupt Request
This pin is used as an interrupt request.
46
45
MPU_MODE1/
I2CM_SCL
MPU_MODE0/
I2CM_SDA
I/O
pull-up
CMOS/
Open Drain
MPU_MODE[1:0]: Microprocessor Interface Mode Selection
During reset, these pins determine the default value of the MPU_SEL_CNFG[1:0] bits as fol-
lows:
00: I2C mode
01: SPI mode
10: UART mode
11: I2C master (EEPROM) mode
I2CM_SCL: Serial Clock Line
In I2C master mode, the serial clock is output on this pin.
I2CM_SDA: Serial Data Input for I2C Master Mode
In I2C master mode, this pin is used as the for the serial data.
Table 1: Pin Description (Continued)
Pin No.
Name
I/O
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com