Electronic Components Datasheet Search
  English  ▼

X  

82P33741 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # 82P33741
Description  Differential reference inputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

82P33741 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  82P33741 Datasheet HTML 1Page - Integrated Circuit Systems 82P33741 Datasheet HTML 2Page - Integrated Circuit Systems 82P33741 Datasheet HTML 3Page - Integrated Circuit Systems 82P33741 Datasheet HTML 4Page - Integrated Circuit Systems 82P33741 Datasheet HTML 5Page - Integrated Circuit Systems 82P33741 Datasheet HTML 6Page - Integrated Circuit Systems 82P33741 Datasheet HTML 7Page - Integrated Circuit Systems 82P33741 Datasheet HTML 8Page - Integrated Circuit Systems 82P33741 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
82P33741 SHORT FORM DATA SHEET
REVISION 1 09/23/14
3
PORT SYNCHRONIZER FOR IEEE 1588 AND
10G/40G SYNCHRONOUS ETHERNET
I
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
Control and
Status
Registers
OutDiv
OutDiv
I2C Slave
JTAG
I2C Master
Reference
monitors
Reference
selection
Frac-N input
dividers
SYS PLL
DPLL2
APLL1
APLL2
OutDiv
OutDiv
OutDiv
DPLL1
OUT3p/n
OUT4p/n
OUT5p/n
OUT6p/n
OUT7
System Clock
LOS0 / XO_FREQ0
LOS1 / XO_FREQ1
LOS2 / XO_FREQ2
LOS3
ex_sync module
IN3(P/N)
IN4(P/N)
IN5(P/N)
IN1(P/N)
IN2(P/N)
IN6(P/N)
IN7
IN8
IN9
IN10
IN11
IN12
FRSYNC_8K_1PPS
MFRSYNC_2K_1PPS
Crystal
OutDiv
OUT1
OutDiv
OUT2
OutDiv
OutDiv
OUT10p/n
OUT11p/n
APLL3
(VCXO)
OutDiv
OutDiv
OUT8
OUT9
DPLL3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com