Electronic Components Datasheet Search
  English  ▼

X  

82P33741 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # 82P33741
Description  Differential reference inputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

82P33741 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button 82P33741 Datasheet HTML 3Page - Integrated Circuit Systems 82P33741 Datasheet HTML 4Page - Integrated Circuit Systems 82P33741 Datasheet HTML 5Page - Integrated Circuit Systems 82P33741 Datasheet HTML 6Page - Integrated Circuit Systems 82P33741 Datasheet HTML 7Page - Integrated Circuit Systems 82P33741 Datasheet HTML 8Page - Integrated Circuit Systems 82P33741 Datasheet HTML 9Page - Integrated Circuit Systems 82P33741 Datasheet HTML 10Page - Integrated Circuit Systems 82P33741 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
82P33741 SHORT FORM DATA SHEET
REVISION 1 09/23/14
7
PORT SYNCHRONIZER FOR IEEE 1588 AND
10G/40G SYNCHRONOUS ETHERNET
Lock Signal
E9
DPLL3_LOCK
OCMOS
DPLL3_LOCK
This pin goes high when DPLL3 is locked
G9
DPLL2_LOCK
OCMOS
DPLL2_LOCK
This pin goes high when DPLL2 is locked
H9
DPLL1_LOCK
OCMOS
DPLL1_LOCK
This pin goes high when DPLL1 is locked
Microprocessor Interface
J9
INT_REQ
O
Tri-state
CMOS
INT_REQ: Interrupt Request
This pin is used as an interrupt request. The output characteristics are determined by the
HZ_EN bit (b1, 0CH) and the INT_POL bit (b0, 0CH).
B11
C11
MPU_MODE1/
I2CM_SCL
MPU_MODE0/
I2CM_SDA
I/O
pull-up
CMOS/
Open Drain
MPU_MODE[1:0]: Microprocessor Interface Mode Selection
During reset, these pins determine the default value of the MPU_SEL_CNFG[1:0] bits as fol-
lows:
00: I2C mode
01 ~ 10: Reserved
11: EEPROM mode
I2CM_SCL: Serial Clock Line
In I2C master mode, the serial clock is output on this pin.
I2CM_SDA: Serial Data Input for I2C Master Mode
In I2C master mode, this pin is used as the for the serial data.
D9
I2C_AD2
I
pull-down
CMOS
I2C_AD2: Device Address Bit 2
I2C_AD[2:0] pins are the address bus of the microprocessor interface.
E5
I2C_AD1
I
pull-down
CMOS
I2C_AD1: Device Address Bit 1
2C_AD[2:0] pins are the address bus of the microprocessor interface.
D10
I2C_SCL
I
pull-down
CMOS
I2C_SCL: Serial Clock Line
The serial clock is input on this pin.
C5
I2C_SDA
I/O
pull-up
Open Drain
I2C_SDA: Serial Data Input/Output
This pin is used as the input/output for the serial data.
JTAG (per IEEE 1149.1)
F1
TMS
I
pull-up
CMOS
TMS: JTAG Test Mode Select
The signal on this pin controls the JTAG test performance and is sampled on the rising edge
of TCK.
K3
TRSTB
I
pull-up
CMOS
TRST: JTAG Test Reset (Active Low)
A low signal on this pin resets the JTAG test port.
This pin should be connected to ground when JTAG is not used.
G1
TCK
I
pull-down
CMOS
TCK: JTAG Test Clock
The clock for the JTAG test is input on this pin. TDI and TMS are sampled on the rising edge
of TCK and TDO is updated on the falling edge of TCK.
If TCK is idle at a low level, all stored-state devices contained in the test logic will indefinitely
retain their state.
L3
TDI
I
pull-up
CMOS
TDI: JTAG Test Data Input
The test data are input on this pin. They are clocked into the device on the rising edge of
TCK.
L5
TDO
O
tri-state
CMOS
TDO: JTAG Test Data Output
The test data are output on this pin. They are clocked out of the device on the falling edge of
TCK.
TDO pin outputs a high impedance signal except during the process of data scanning.
Table 1: Pin Description (Continued)
Pin No.
Name
I/O
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com