Electronic Components Datasheet Search
  English  ▼

X  

MAX379C/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX379C/D
Description  High-Voltage, Fault-Protected Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX379C/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX379C/D Datasheet HTML 4Page - Maxim Integrated Products MAX379C/D Datasheet HTML 5Page - Maxim Integrated Products MAX379C/D Datasheet HTML 6Page - Maxim Integrated Products MAX379C/D Datasheet HTML 7Page - Maxim Integrated Products MAX379C/D Datasheet HTML 8Page - Maxim Integrated Products MAX379C/D Datasheet HTML 9Page - Maxim Integrated Products MAX379C/D Datasheet HTML 10Page - Maxim Integrated Products MAX379C/D Datasheet HTML 11Page - Maxim Integrated Products MAX379C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
High-Voltage, Fault-Protected
Analog Multiplexers
______________________________________________________________________________________
11
_Ordering Information (continued)
* Contact factory for availability.
**The substrate may be allowed to float or be tied to V+ (JI CMOS).
_________________Chip Topographies
GND
V+
IN5
IN6
IN7
IN7
IN8 OUT
MAX378
IN4
A0
0.229"
(5.816mm)
0.151"
(3.835mm)
A2
A1
EN
V-
NOTE: Connect substrate to V+ or leave it floating.
NOTE: Connect substrate to V+ or leave it floating.
IN1
IN2
IN3
GND
V+
IN1B
IN2B
IN3B
IN4B
OUTB OUTA
MAX379
IN4A
A0
0.229"
(5.816mm)
0.151"
(3.835mm)
A1
EN
V-
IN1A
IN2A
IN3A
PART
MAX379CPE
MAX379CWG
MAX379CJE
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 Plastic DIP
24 Wide SO
16 CERDIP
MAX379EPE
MAX379EWG
-40°C to +85°C
-40°C to +85°C
16 Plastic DIP
24 Wide SO
MAX379EJE
MAX379MJE
-55°C to +125°C
-40°C to +85°C
16 CERDIP
16 CERDIP
MAX379MLP
-55°C to +125°C
20 LCC*
MAX379C/D
0°C to +70°C
Dice**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com