Electronic Components Datasheet Search
  English  ▼

X  

MAX379C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX379C/D
Description  High-Voltage, Fault-Protected Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX379C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX379C/D Datasheet HTML 2Page - Maxim Integrated Products MAX379C/D Datasheet HTML 3Page - Maxim Integrated Products MAX379C/D Datasheet HTML 4Page - Maxim Integrated Products MAX379C/D Datasheet HTML 5Page - Maxim Integrated Products MAX379C/D Datasheet HTML 6Page - Maxim Integrated Products MAX379C/D Datasheet HTML 7Page - Maxim Integrated Products MAX379C/D Datasheet HTML 8Page - Maxim Integrated Products MAX379C/D Datasheet HTML 9Page - Maxim Integrated Products MAX379C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
High-Voltage, Fault-Protected
Analog Multiplexers
6
_______________________________________________________________________________________
_______________Typical Applications
Figure 6 shows a typical data acquisition system
using the MAX378 multiplexer. Since the multiplexer
is driving a high-impedance input, its error is a func-
tion of its own resistance (RDS(ON)) times the multi-
plexer leakage current (IOUT(ON)) and the amplifier
bias current (IBIAS):
VERR = RDS(ON) x (IOUT(ON) + IBIAS (MAX420))
= 2.0k
Ω x (2nA + 30pA)
= 18.0µV maximum error
In most cases, this error is low enough that preamplifi-
cation of input signals is not needed, even with very
low-level signals such as 40µV/°C from type J thermo-
couples.
In systems with fewer than eight inputs, an unused chan-
nel can be connected to the system ground reference
point for software zero correction. A second channel
connected to the system voltage reference allows gain
correction of the entire data acquisition system as well.
A MAX420 precision op amp is connected as a pro-
grammable-gain amplifier, with gains ranging from 1 to
10,000. The guaranteed 5µV unadjusted offset of the
MAX420 maintains high signal accuracy, while program-
mable gain allows the output signal level to be scaled to
the optimum range for the remainder of the data acqui-
sition system, normally a Sample/Hold and A/D. Since
the gain-changing multiplexer is not connected to the
external sensors, it can be either a DG508A multiplexer
or the fault-protected MAX358 or MAX378.
Truth Table—MAX378
A2
A1
A0
EN
ON
SWITCH
X
0
0
0
0
1
1
1
1
X
0
0
1
1
0
0
1
1
X
0
1
0
1
0
1
0
1
0
1
1
1
1
1
1
1
1
NONE
1
2
3
4
5
6
7
8
Truth Table—MAX379
A1
A0
EN
ON
SWITCH
X
0
0
1
1
X
0
1
0
1
0
1
1
1
1
NONE
1
2
3
4
Note: Logic “0” = VAL
≤ 0.8V, Logic “1” = VAH ≥ 2.4V
MAX420
+15V
-15V
V+
+15V
1M
100k
10k
OUT
OUT
1k
111
Ω
IN1
IN1
IN2
IN3
IN4
IN5
V+
THERMOCOUPLE
+15V
-15V
V-
GND
DG508A
MAX358
OR
MAX378
MAX378
IN2
STRAIN GUAGE
IN7
+10V
GAIN REFERENCE
IN8
ZERO REFERENCE
IN3
4-20mA LOOP
TRANSMITTER
IN4
IN5
IN6
-15V
V-
GND
Figure 6. Typical Data Acquisition Front End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com