Electronic Components Datasheet Search
  English  ▼

X  

MAX384CWN Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX384CWN
Description  Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers with Latchable Inputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX384CWN Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX384CWN Datasheet HTML 1Page - Maxim Integrated Products MAX384CWN Datasheet HTML 2Page - Maxim Integrated Products MAX384CWN Datasheet HTML 3Page - Maxim Integrated Products MAX384CWN Datasheet HTML 4Page - Maxim Integrated Products MAX384CWN Datasheet HTML 5Page - Maxim Integrated Products MAX384CWN Datasheet HTML 6Page - Maxim Integrated Products MAX384CWN Datasheet HTML 7Page - Maxim Integrated Products MAX384CWN Datasheet HTML 8Page - Maxim Integrated Products MAX384CWN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
VEN = VA = 0V/V+,
V+ = 5.5V, V- = -5.5V
Low-Voltage, 8-Channel/Dual 4-Channel
Multiplexers with Latchable Inputs
_______________________________________________________________________________________
3
f = 1MHz,
VEN = VCOM = 0V
f = 1MHz,
VEN = VCOM = 0V
CONDITIONS
34
CCOM(ON)
COM-On Capacitance
pF
54
20
CCOM(OFF)
COM-Off Capacitance
pF
40
pF
11
CNO(OFF)
NO-Off Capacitance
pF
8
CIN
Logic Input Capacitance
dB
-92
VCT
Crosstalk Between Channels
dB
-75
VISO
Off Isolation (Note 7)
pC
25
VCTE
Charge Injection (Note 3)
ns
250
tON(EN)
Enable Turn-On Time
100
150
V
2.4
VA_H, VENH
Logic High Input Voltage
ns
020
tOPEN
Break-Before-Make Interval
ns
100
275
tTRANS
Transition Time
tH
AX, EN Data Hold Time
V
±2.4
±8
V+, V-
Power-Supply Range
µA
-1
1
I+
Positive Supply Current
µA
-1
1
I-
Negative Supply Current
ns
100
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
MAX384
MAX382
MAX384
MAX382
f = 1MHz, VEN = VCOM = 0V
f = 1MHz
VEN = 2.4V, f = 100kHz,
VGEN = 1Vp-p, RL = 1kΩ
Figure 2
VEN = 0V, RL = 1kΩ, f = 100kHz
CL = 100pF, VNO = 0V
Figure 5
Figure 3
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
Figure 1
TA = +25°C
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +5V ±10%, V- = -5V ±10%, GND = 0V, VA_H = VENH = 2.4V, VA_L = VENL = 0.8V, WR = 0V, RS = 2.4V, TA = TMIN to TMAX,
unless otherwise noted.)
V
0.8
VA_L, VENL
Logic Low Input Voltage
TA = TMIN to TMAX
TA = TMIN to TMAX
µA
VA_H = 2.4V, VA_L = 0.8V
VA_H = 2.4V, VA_L = 0.8V
µA
-0.1
0.1
IA_H, IENH
Input Current with
Input Voltage High
-0.1
0.1
IA_L, IENL
Input Current with
Input Voltage Low
VEN = VA = 0V/V+,
V+ = 5.5V, V- = -5.5V
ns
250
tOFF(EN)
Enable Turn-Off Time
80
150
Figure 3
TA = TMIN to TMAX
TA = +25°C
ns
250
tON(WR)
Write Turn-On Time
150
Figure 4
TA = TMIN to TMAX
TA = +25°C
ns
250
tOFF(RS)
Reset Turn-Off Time
150
Figure 6
TA = TMIN to TMAX
TA = +25°C
ns
100
tW
Write Pulse Width
Figure 5
TA = +25°C
ns
100
tS
AX, EN Data Setup Time
Figure 5
TA = +25°C
tRS
Reset Pulse Width
ns
100
Figure 6, V+ = 5V
TA = +25°C
DIGITAL LOGIC INPUT
SUPPLY
DYNAMIC
MINIMUM INPUT TIMING REQUIREMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com