Electronic Components Datasheet Search
  English  ▼

X  

MAX384CWN Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX384CWN
Description  Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers with Latchable Inputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX384CWN Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX384CWN Datasheet HTML 3Page - Maxim Integrated Products MAX384CWN Datasheet HTML 4Page - Maxim Integrated Products MAX384CWN Datasheet HTML 5Page - Maxim Integrated Products MAX384CWN Datasheet HTML 6Page - Maxim Integrated Products MAX384CWN Datasheet HTML 7Page - Maxim Integrated Products MAX384CWN Datasheet HTML 8Page - Maxim Integrated Products MAX384CWN Datasheet HTML 9Page - Maxim Integrated Products MAX384CWN Datasheet HTML 10Page - Maxim Integrated Products MAX384CWN Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Low-Voltage, 8-Channel/Dual 4-Channel
Multiplexers with Latchable Inputs
_______________________________________________________________________________________
7
______________________________________________________________Pin Description
2, 17
PIN
MAX382
MAX384
NAME*
FUNCTION
1
WR
WRITE Logic Input
—
1
A0, A1
Address Logic Inputs (see
Truth Tables at end of data sheet)
3
3
EN
Enable Logic Input (see
Truth Tables at end of data sheet)
4
4
V-
Negative Supply Voltage Input. Connect to GND for single-supply operation.
5–8
—
NO1–NO4
Analog Signal Inputs—bidirectional
—
5–8
NO1A–NO4A
Analog Signal Inputs—bidirectional
9
—
COM
Analog Signal Output—bidirectional
—
9, 10
COMA, COMB
Analog Signal Outputs—bidirectional
10–13
—
NO8–NO5
Analog Signal Inputs—bidirectional
—
11–14
NO4B–NO1B
Analog Signal Inputs—bidirectional
14
15
V+
Positive Supply Voltage Input
15
16
GND
Ground
2, 16, 17
A0, A2, A1
Address Logic Inputs (see
Truth Tables at end of data sheet)
—
18
18
RS
RESET Logic Input
__________Applications Information
The internal structures of the MAX382/MAX384 include
translators for the A2/A1/EN/WR/RS digital inputs, latch-
es, and a decode section for channel selection (see
Truth Tables). The analog-signal switches consist of
parallel combinations of N and P MOSFETs.
WRITE (WR) and RESET (RS) strobes are provided for
interfacing with µP-bus lines, alleviating the need for the
µP to provide constant address inputs to the mux to
hold a particular channel (Figures 2–7).
When the WR strobe is in the low state (less than 0.8V)
and the RS strobe is in the high state (greater than
2.4V), the muxes are in the transparent mode—they
act similar to nonlatching devices, such as the
MAX398/MAX399.
When the WR goes high, the previous BCD address
input is latched and held in that state indefinitely.
RS turns off all channels when it is low. All switches stay
off until RS and EN are high and WR is low.
The MAX382/MAX384 work with both single and dual
supplies and function over the +2.4V to +16V single-
supply range. For example, with a single +5V power
supply, analog signals in the 0V to +5V range can be
switched normally. If negative signals around 0V are
expected, a negative supply is needed.
The EN latch allows all switches to be turned off under
program control. This is useful when two or more are
cascaded to build 16-line and larger analog-signal mul-
tiplexers.
*Analog inputs and outputs are names of convenience only. Inputs and outputs are identical and interchangeable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com