Electronic Components Datasheet Search
  English  ▼

X  

MAX395ENG Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX395ENG
Description  Serially Controlled, Low-Voltage, 8-Channel SPST Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX395ENG Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX395ENG Datasheet HTML 1Page - Maxim Integrated Products MAX395ENG Datasheet HTML 2Page - Maxim Integrated Products MAX395ENG Datasheet HTML 3Page - Maxim Integrated Products MAX395ENG Datasheet HTML 4Page - Maxim Integrated Products MAX395ENG Datasheet HTML 5Page - Maxim Integrated Products MAX395ENG Datasheet HTML 6Page - Maxim Integrated Products MAX395ENG Datasheet HTML 7Page - Maxim Integrated Products MAX395ENG Datasheet HTML 8Page - Maxim Integrated Products MAX395ENG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX395 8-channel, serially controlled, single-pole/sin-
gle-throw (SPST) analog switch offers eight separately
controlled switches. The switches conduct equally well in
either direction. On-resistance (100
Ω max) is matched
between switches to 5
Ω max and is flat (10Ω max) over
the specified signal range.
These CMOS devices can operate continuously with
dual power supplies ranging from ±2.7V to ±8V or a
single supply between +2.7V and +16V. Each switch
can handle rail-to-rail analog signals. The off leakage
current is only 0.1nA at +25°C or 5nA at +85°C.
Upon power-up, all switches are off, and the internal shift
registers are reset to zero. The MAX395 is electrically
equivalent to two MAX391 quad switches controlled by a
serial interface, and is pin compatible with the MAX335.
The serial interface is compatible with SPI™/QSPI™ and
Microwire™. Functioning as a shift register, it allows data
(at DIN) to be clocked in synchronously with the rising
edge of clock (SCLK). The shift register’s output (DOUT)
enables several MAX395s to be daisy chained.
All digital inputs have 0.8V to 2.4V logic thresholds, ensur-
ing both TTL- and CMOS-logic compatibility when using
±5V supplies or a single +5V supply.
________________________Applications
Serial Data-Acquisition
Industrial and Process-
Systems
Control Systems
Avionics
ATE Equipment
Audio Signal Routing
Networking
____________________________Features
o SPI™/QSPI™, Microwire™-Compatible Serial
Interface
o 8 Separately Controlled SPST Switches
o 100
Ω Signal Paths with ±5V Supplies
o Rail-to-Rail Signal Handling
o Asynchronous RESET Input
o Pin Compatible with Industry-Standard MAX335
o ±2.7V to ±8V Dual Supplies
+2.7V to +16V Single Supply
o >2kV ESD Protection per Method 3015.7
o TTL/CMOS-Compatible Inputs (with +5V or
±5V Supplies)
Serially Controlled, Low-Voltage,
8-Channel SPST Switch
________________________________________________________________
Maxim Integrated Products
1
LATCH
NO0
COM0
8-BIT SHIFT REGISTER
CLOCK TRANSLATOR
CS TRANSLATOR
DIN
RESET
SCLK
CS
NO7
COM7
PARALLEL REGISTER AND TRANSLATOR
DOUT
MAX395
________________Functional Diagram
SCLK
V+
DIN
GND
NO0
COM0
NO1
COM1
NO2
COM2
NO3
COM3
DIP/SO
TOP VIEW
MAX395
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CS
RESET
DOUT
V-
NO7
COM7
NO6
COM6
NO5
COM5
NO4
COM4
LOGIC
__________________Pin Configuration
Call toll free 1-800-998-8800 for free samples or literature.
19-0448; Rev 0; 11/95
PART
MAX395CNG
MAX395CWG
MAX395C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
24 Narrow Plastic DIP
24 Wide SO
Dice*
______________Ordering Information
* Contact factory for dice specifications.
** Contact factory for availability.
MAX395ENG
MAX395EWG
MAX395MRG
-55°C to +125°C
-40°C to +85°C
-40°C to +85°C
24 Narrow Plastic DIP
24 Wide SO
24 Narrow CERDIP**
SPI and QSPI are trademarks of Motorola, Inc. Microwire is a trademark of National Semiconductor Corp.


Similar Part No. - MAX395ENG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3950 MAXIM-MAX3950 Datasheet
260Kb / 9P
3.3V, 10.7Gbps 1:16 Deserializer with LVDS Outputs
Rev 2; 12/02
MAX3950EGK MAXIM-MAX3950EGK Datasheet
163Kb / 7P
PLASTIC ENCAPSULATED DEVICES
Rev. A October 14, 2003
MAX3950EGK MAXIM-MAX3950EGK Datasheet
260Kb / 9P
3.3V, 10.7Gbps 1:16 Deserializer with LVDS Outputs
Rev 2; 12/02
MAX3956 MAXIM-MAX3956 Datasheet
1Mb / 82P
Transceiver with DDM and DC-Coupled Laser Interface
Rev 3; 9/14
More results

Similar Description - MAX395ENG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG714 AD-ADG714 Datasheet
173Kb / 16P
CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
REV.0
logo
Maxim Integrated Produc...
MAX335 MAXIM-MAX335 Datasheet
121Kb / 12P
Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 2; 7/96
MAX349 MAXIM-MAX349 Datasheet
301Kb / 20P
Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers
Rev 1; 10/98
logo
Analog Devices
ADG714 AD-ADG714_02 Datasheet
232Kb / 16P
CMOS, Low Voltage Serially Controlled, Octal SPST Switches
11/02-Data Sheet changed from REV. A to REV. B.
logo
Maxim Integrated Produc...
MAX4586 MAXIM-MAX4586 Datasheet
140Kb / 12P
Serially Controlled, 4-Channel Serially Controlled, 4-Channel
Rev 0; 8/99
logo
Analog Devices
ADG714 AD-ADG714_13 Datasheet
188Kb / 16P
CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. C
ADG714 AD-ADG714_15 Datasheet
188Kb / 16P
Serially Controlled, Octal SPST Switches
REV. C
ADG715 AD-ADG715_15 Datasheet
188Kb / 16P
Serially Controlled, Octal SPST Switches
REV. C
ADGS1412 AD-ADGS1412 Datasheet
722Kb / 26P
Serially Controlled, 1.5 廓, On-Resistance, High Voltage, iCMOS, Quad SPST Switch
REV. 0
logo
Maxim Integrated Produc...
MAX335 MAXIM-MAX335_V01 Datasheet
943Kb / 14P
Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 4; 7/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com