Electronic Components Datasheet Search
  English  ▼

X  

MAX395ENG Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX395ENG
Description  Serially Controlled, Low-Voltage, 8-Channel SPST Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX395ENG Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX395ENG Datasheet HTML 1Page - Maxim Integrated Products MAX395ENG Datasheet HTML 2Page - Maxim Integrated Products MAX395ENG Datasheet HTML 3Page - Maxim Integrated Products MAX395ENG Datasheet HTML 4Page - Maxim Integrated Products MAX395ENG Datasheet HTML 5Page - Maxim Integrated Products MAX395ENG Datasheet HTML 6Page - Maxim Integrated Products MAX395ENG Datasheet HTML 7Page - Maxim Integrated Products MAX395ENG Datasheet HTML 8Page - Maxim Integrated Products MAX395ENG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Serially Controlled, Low-Voltage,
8-Channel SPST Switch
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = +4.5V to +5.5V, V- = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
SWITCH DYNAMIC CHARACTERISTICS
DIGITAL I/O
ANALOG SWITCH
V
VCOM,VNO
Analog Signal Range
COM, NO On-Resistance
RON
225
Ω
V+ = 5V, VCOM = 3.5V,
INO = 1mA
C, E, M
125
175
TA = +25°C
Channel-to-Channel Crosstalk
(Note 7)
VCT
<-90
dB
RL = 50Ω, CL = 15pF,
VNO = 1VRMS, f = 100kHz
TA = +25°C
Off Isolation (Note 6)
VISO
-90
dB
RL = 50Ω, CL = 15pF,
VNO = 1VRMS, f = 100kHz
TA = +25°C
SCLK Input Hysteresis
SCLKHYST
mV
100
C, E, M
DOUT Output Voltage Logic Low
VDOUT
V
0
0.4
IDOUT = 1.6mA
C, E, M
COM Off Leakage Current
(Notes 4, 5)
-10
10
nA
V+ = 5.5V, VCOM = 0V,
VNO = 4.5V
C, E, M
-0.1
0.002
0.1
TA = +25°C
ICOM(OFF)
-10
10
V+ = 5.5V, VCOM = 4.5V,
VNO = 0V
C, E, M
-0.1
0.002
0.1
TA = +25°C
NO Off Leakage Current
(Notes 4, 5)
-10
10
nA
V+ = 5.5V, VCOM = 0V,
VNO = 4.5V
C, E, M
-0.1
0.002
0.1
TA = +25°C
-20
20
C, E, M
-0.2
0.002
0.2
TA = +25°C
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
Charge Injection (Note 4)
VCTE
210
pC
Turn-On Time
tON
200
400
ns
Turn-Off Time
tOFF
90
400
ns
INO(OFF)
-10
10
V+ = 5.5V, VCOM = 4.5V,
VNO = 0V
C, E, M
-0.1
0.002
0.1
TA = +25°C
Break-Before-Make Delay
tBBM
15
ns
From rising edge of CS
From rising edge of CS
From rising edge of CS
DIN, SCLK, CS, RESET Input
Voltage Logic Threshold Low
DIN, SCLK, CS, RESET Input
Current Logic High or Low
IIH, IIL
VIL
µA
500
CL = 1nF, VNO = 0V, RS = 0Ω
-1
0.03
1
VDIN, VSCLK,
VCS = 0.8V or 2.4V
C, E, M
500
DOUT Output Voltage Logic High
DIN, SCLK, CS, RESET Input
Voltage Logic Threshold High
VIH
0.8
V-
V+
TA = +25°C
TA = +25°C
TA = +25°C
V
VDOUT
C, E, M
V
2.8
V+
2.4
CONDITIONS
C, E, M
TA = +25°C
C, E, M
C, E, M
V
IDOUT = -0.8mA
C, E, M
nA
COM On Leakage Current
(Notes 4, 5)
ICOM(ON)
C, E, M
V+ = 5.5V,
VCOM = VNO = 4.5V
V+, V- Supply Current
I+
720
µA
DIN = CS = SCLK = 0V or
V+, RESET = 0V or V+
TA = +25°C
C, E, M
30
POWER SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com