Electronic Components Datasheet Search
  English  ▼

X  

MAX397C/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX397C/D
Description  Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX397C/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX397C/D Datasheet HTML 4Page - Maxim Integrated Products MAX397C/D Datasheet HTML 5Page - Maxim Integrated Products MAX397C/D Datasheet HTML 6Page - Maxim Integrated Products MAX397C/D Datasheet HTML 7Page - Maxim Integrated Products MAX397C/D Datasheet HTML 8Page - Maxim Integrated Products MAX397C/D Datasheet HTML 9Page - Maxim Integrated Products MAX397C/D Datasheet HTML 10Page - Maxim Integrated Products MAX397C/D Datasheet HTML 11Page - Maxim Integrated Products MAX397C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Precision, 16-Channel/Dual 8-Channel,
Low-Voltage, CMOS Analog Multiplexers
______________________________________________________________________________________
11
________Pin Configurations/Functional Diagrams/Truth Tables (continued)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
V+
2
3
4
5
6
7
8
9
10
11
12
13
14
COMA
V-
NO8A
NO7A
NO6A
NO5A
A2
NO4A
NO3A
NO2A
NO1A
EN
A0
A1
N.C.
N.C.
GND
NO1B
NO2B
NO3B
NO4B
NO5B
NO6B
NO7B
NO8B
N.C.
COMB.
DIP/SO
TOP VIEW
MAX397
CMOS DECODERS/DRIVERS
COMA
NO1A
NO2A
NO3A
NO4A
NO5A
NO6A
NO7A
NO8A
NO1B
NO2B
NO3B
NO4B
NO5B
NO6B
NO7B
NO8B
MAX397 8-CHANNEL DIFFERENTIAL MULTIPLEXER
A0
A1
A2
EN
V+
V-
GND
COMB
12
13
14
15
16
17
18
1
2
3
4
N.C. = NO INTERNAL CONNECTION
26
27
28
19
20
21
22
23
24
25
NO1A
NO2A
NO3A
NO4A
NO5A
NO6A
NO7A
NO1B
NO2B
NO3B
NO4B
NO5B
NO6B
NO7B
5
6
7
8
9
10
11
MAX397
PLCC
A2
A1
A0
EN
ON
SWITCH
X
0
0
0
0
1
1
1
1
X
0
0
1
1
0
0
1
1
X
0
1
0
1
0
1
0
1
0
1
1
1
1
1
1
1
1
NONE
1
2
3
4
5
6
7
8
LOGIC “O” = VAL ≤ 0.8V, LOGIC “1” = VAH ≥ 2.4V
MAX397



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com