Electronic Components Datasheet Search
  English  ▼

X  

MAX397C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX397C/D
Description  Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX397C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX397C/D Datasheet HTML 4Page - Maxim Integrated Products MAX397C/D Datasheet HTML 5Page - Maxim Integrated Products MAX397C/D Datasheet HTML 6Page - Maxim Integrated Products MAX397C/D Datasheet HTML 7Page - Maxim Integrated Products MAX397C/D Datasheet HTML 8Page - Maxim Integrated Products MAX397C/D Datasheet HTML 9Page - Maxim Integrated Products MAX397C/D Datasheet HTML 10Page - Maxim Integrated Products MAX397C/D Datasheet HTML 11Page - Maxim Integrated Products MAX397C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1996 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Precision, 16-Channel/Dual 8-Channel,
Low-Voltage, CMOS Analog Multiplexers
_Ordering Information (continued)
*
Contact factory for dice specifications.
**
Contact factory for package availability.
28 SSOP
28 Wide SO
0°C to +70°C
0°C to +70°C
MAX397CAI
MAX397CWI
28 Plastic DIP
28 CERDIP**
-55°C to +125°C
0°C to +70°C
MAX397CPI
MAX396MJI
28 PLCC**
28 Wide SO
28 Plastic DIP
PIN-PACKAGE
TEMP. RANGE
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
MAX396EQI
MAX396EWI
MAX396EPI
PART
__________________________________________________________Chip Topographies
0.156"
(3.96mm)
0.098"
(2.49mm)
GND
A3
A2 A1
A0
NO8
NO7
NO6
NO5
NO4
NO3
NO2
NO1
EN
N.C.
V+
COM
V-
NO16
NO15
NO14
NO13
NO12
NO11
NO10
NO9
TRANSISTOR COUNT: 360
SUBSTRATE CONNECTED TO V+
0.156"
(3.96mm)
0.098"
(2.49mm)
GND N.C. A2 A1
A0
NO8A
NO7A
NO6A
NO5A
NO4A
NO3A
NO2A
NO1A
EN
COMB
V+
COMA
V-
NO8B
NO7B
NO6B
NO5B
NO4B
NO3B
NO2B
NO1B
TRANSISTOR COUNT: 360
SUBSTRATE CONNECTED TO V+
Dice*
28 PLCC**
0°C to +70°C
0°C to +70°C
MAX397C/D
MAX397CQI
28 Wide SO
28 Plastic DIP
-40°C to +85°C
-40°C to +85°C
MAX397EWI
MAX397EPI
28 CERDIP**
28 PLCC**
-40°C to +85°C
-55°C to +125°C
MAX397MJI
MAX397EQI
MAX396
MAX397



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com