Electronic Components Datasheet Search
  English  ▼

X  

AD2C211-L Datasheet(PDF) 2 Page - Solid State Optronic

Part # AD2C211-L
Description  Low Input Control Current (3mA TYP)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD2C211-L Datasheet(HTML) 2 Page - Solid State Optronic

  AD2C211-L Datasheet HTML 1Page - Solid State Optronic AD2C211-L Datasheet HTML 2Page - Solid State Optronic AD2C211-L Datasheet HTML 3Page - Solid State Optronic AD2C211-L Datasheet HTML 4Page - Solid State Optronic AD2C211-L Datasheet HTML 5Page - Solid State Optronic AD2C211-L Datasheet HTML 6Page - Solid State Optronic AD2C211-L Datasheet HTML 7Page - Solid State Optronic AD2C211-L Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© 2015 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 2 of 8
AD2C211-L H/S/TR
Rev 1.00 (02/27/2015)
002416
AD2C211-L
1 Form A, Current Limiting
400V / 25Ω
MOSFET Output Solid State Relay
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Specifications
LED Forward Voltage
VF
-
1.2
1.5
V
IF = 10mA
LED Reverse Voltage
BVR
5
-
-
V
IR = 10μA
Input Reverse Current
IR
-
-
10
A
VR = 5V
Turn-On Current
IF
-
3
5
mA
VO = 20V, IO = 150mA (within 10mS)
Turn-Off Current
IF(OFF)
-
0.5
-
mA
IO = 150mA
Output Specifications
Blocking Voltage
VB
400
-
-
V
IO=1A
Continuous Load Current
IO
-
-
150
mA
IF=5mA
Current Limit
ILIMIT
180
300
-
mA
IF=5mA
On Resistance
RON
-
18
25
Ω
IF=5mA, IO=150mA
Leakage Current
IOleak
-
0.2
1
A
IF=0mA, VO=400V
Output Capacitance
COUT
-
20
-
pF
VO=25V, f=1.0MHz
Offset Voltage
VOFFSET
-
-
0.2
mV
IF=5mA
Coupled Specifications
Turn-On Time
TON
-
2
5
mS
IF=5mA, IO=150mA
Turn-Off Time
TOFF
-
0.05
1
mS
IF=0mA, IO=150mA
Coupled Capacitance
CCOUPLED
-
3
-
pF
Contact Transient Ratio
-
2,000
7,000
0
V/
S
dV = 50V
Isolation Specifications
Isolation Voltage
VISO
3750
-
-
VRMS
RH ≤ 50%, t=1min
(-H Option)
5000
-
-
Input-Output Resistance
RI-O
-
10
12
-

VI-O = 500VDC
Electrical Characteristics, TA = 25°C (unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com