Electronic Components Datasheet Search
  English  ▼

X  

AD2C211-L Datasheet(PDF) 3 Page - Solid State Optronic

Part # AD2C211-L
Description  Low Input Control Current (3mA TYP)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD2C211-L Datasheet(HTML) 3 Page - Solid State Optronic

  AD2C211-L Datasheet HTML 1Page - Solid State Optronic AD2C211-L Datasheet HTML 2Page - Solid State Optronic AD2C211-L Datasheet HTML 3Page - Solid State Optronic AD2C211-L Datasheet HTML 4Page - Solid State Optronic AD2C211-L Datasheet HTML 5Page - Solid State Optronic AD2C211-L Datasheet HTML 6Page - Solid State Optronic AD2C211-L Datasheet HTML 7Page - Solid State Optronic AD2C211-L Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© 2015 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 3 of 8
AD2C211-L H/S/TR
Rev 1.00 (02/27/2015)
002416
AD2C211-L
1 Form A, Current Limiting
400V / 25Ω
MOSFET Output Solid State Relay
AD2C211-L Performance & Characteristics Plots, TA = 25°C (unless otherwise specified)
0
10
20
30
40
50
60
70
1.75
1.80
1.85
1.90
1.95
2.00
2.05
2.10
Turn-On Time (mS)
Figure 1: Typical Turn-On Time Distribution
(N = 100, Ta = 25ºC)
0
10
20
30
40
50
60
0.025
0.030
0.035
0.040
0.045
0.050
0.055
0.060
Turn-Off Time (mS)
Figure 2: Typical Turn-Off Time Distribution
(N = 100, Ta = 25ºC)
0
10
20
30
40
50
60
16.0
16.5
17.0
17.5
18.0
18.5
19.0
19.5
On- Resistance (Ω)
Figure 3: Typical On-Resistance Distribution
(N = 100, Ta = 25ºC)
0
10
20
30
40
50
60
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
Leakage Current (µA)
Figure 4: Typical Output Leakage Current
Distribution
(N = 100, Ta = 25ºC)
0
10
20
30
40
50
435
440
445
450
455
460
465
470
Blocking Voltage (VB)
Figure 5: Typical Blocking Voltage Distribution
(N = 100, Ta = 25ºC)
0
50
100
150
200
-40
-20
0
20
406080
100
Temperature (ºC)
Figure 6: Maximum Load Current vs.
Temperature
IF=5mA
IO=150mA
IF=5mA
IO=150mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com