Electronic Components Datasheet Search
  English  ▼

X  

MAX4040ESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4040ESA
Description  Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4040ESA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4040ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Single/Dual/Quad, Low-Cost, SOT23,
Micropower, Rail-to-Rail I/O Op Amps
8
_______________________________________________________________________________________
_______________Detailed Description
Rail-to-Rail Input Stage
The MAX4040–MAX4044 have rail-to-rail inputs and
rail-to-rail output stages that are specifically designed
for low-voltage, single-supply operation. The input
stage consists of separate NPN and PNP differential
stages, which operate together to provide a common-
mode range extending to both supply rails. The
crossover region of these two pairs occurs halfway
between VCC and VEE. The input offset voltage is typi-
cally 200µV. Low operating supply voltage, low supply
current, rail-to-rail common-mode input range, and rail-
to-rail outputs make this family of operational amplifiers
an excellent choice for precision or general-purpose,
low-voltage battery-powered systems.
Since the input stage consists of NPN and PNP pairs,
the input bias current changes polarity as the common-
mode voltage passes through the crossover region.
Match the effective impedance seen by each input to
reduce the offset error caused by input bias currents
flowing through external source impedances (Figures
1a and 1b). The combination of high source impedance
plus input capacitance (amplifier input capacitance
plus stray capacitance) creates a parasitic pole that
produces an underdamped signal response. Reducing
input capacitance or placing a small capacitor across
the feedback resistor improves response in this case.
______________________________________________________________Pin Description
1
—
—
—
—
2
4
4
4
11
Negative Supply. Tie to ground for
single-supply operation.
VEE
3
—
Amplifier Output. High impedance
when in shutdown mode.
OUT
—
—
—
4
—
—
—
—
Inverting Input
IN-
Noninverting Input
IN+
5
10
8
14
4
—
—
—
5, 7,
8, 10
—
No Connection. Not internally con-
nected.
N.C.
—
—
Positive Supply
VCC
—
—
—
—
1, 9
1, 7
1, 13
1, 7
Outputs for Amplifiers A and B. High
impedance when in shutdown mode.
OUTA,
OUTB
Shutdown Input. Drive high, or tie to
VCC for normal operation. Drive to VEE
to place device in shutdown mode.
SHDN
—
2, 8
2, 6
2, 12
2, 6
—
3, 7
3, 5
3, 11
3, 5
Noninverting Inputs to Amplifiers A
and B
INA+,
INB+
—
5, 6
Inverting Inputs to Amplifiers A and B
INA-,
INB-
—
6, 9
—
—
—
—
—
8, 14
Outputs for Amplifiers C and D
OUTC,
OUTD
Shutdown Inputs for Amplifiers A
and B. Drive high, or tie to VCC for
normal operation. Drive to VEE to
place device in shutdown mode.
SHDNA,
SHDNB
—
—
—
—
9, 13
—
—
—
—
10, 12
Noninverting Inputs to Amplifiers C
and D
INC+,
IND+
Inverting Inputs to Amplifiers C and D
INC-,
IND-
6
4
3
2
7
1, 5
8
—
—
—
—
—
—
—
6
4
3
2
7
1, 5, 8
—
—
—
—
—
—
—
—
MAX4043
MAX4044
PIN
µMAX
MAX4042
SO
MAX4041
FUNCTION
NAME
SOT23-5
MAX4040
SO/µMAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com