Electronic Components Datasheet Search
  English  ▼

X  

MAX4040ESA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4040ESA
Description  Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4040ESA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4040ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 13Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 14Page - Maxim Integrated Products MAX4040ESA Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Single/Dual/Quad, Low-Cost, SOT23,
Micropower, Rail-to-Rail I/O Op Amps
______________________________________________________________________________________
11
For example, a MAX4040 running from a single +2.4V
supply, operating at TA = +25°C, can source 240µA to
within 100mV of VCC and is capable of driving a 9.6k
Ω
load resistor to VEE:
The same application can drive a 4.6k
Ω load resistor
when terminated in VCC / 2 (+1.2V in this case).
Driving Capacitive Loads
The MAX4040–MAX4044 are unity-gain stable for loads
up to 200pF (see Load Resistor vs. Capacitive Load
graph
in
Typical Operating Characteristics ).
Applications that require greater capacitive drive capa-
bility should use an isolation resistor between the output
and the capacitive load (Figures 6a–6c). Note that this
alternative results in a loss of gain accuracy because
RISO forms a voltage divider with the load resistor.
Power-Supply Bypassing and Layout
The MAX4040–MAX4044 family operates from either a
single +2.4V to +5.5V supply or dual ±1.2V to ±2.75V
supplies. For single-supply operation, bypass the
power supply with a 100nF capacitor to VEE (in this
case GND). For dual-supply operation, both the VCC
and VEE supplies should be bypassed to ground with
separate 100nF capacitors.
Good PC board layout techniques optimize perfor-
mance by decreasing the amount of stray capacitance
at the op amp’s inputs and output. To decrease stray
capacitance, minimize trace lengths by placing exter-
nal components as close as possible to the op amp.
Surface-mount components are an excellent choice.
Using the MAX4040–MAX4044
as Comparators
Although optimized for use as operational amplifiers,
the MAX4040–MAX4044 can also be used as rail-to-rail
I/O comparators. Typical propagation delay depends
on the input overdrive voltage, as shown in Figure 7.
External hysteresis can be used to minimize the risk of
output oscillation. The positive feedback circuit, shown
in Figure 8, causes the input threshold to change when
the output voltage changes state. The two thresholds
create a hysteresis band that can be calculated by the
following equations:
VHYST = VHI - VLO
VLO = VIN x R2 / (R1 + (R1 x R2 / RHYST) + R2)
VHI = [(R2 / R1 x VIN) + (R2 / RHYST) x VCC] /
(1 + R1 / R2 + R2 / RHYST)
R
=
2.4V - 0.1V
240 A
9.6k
to V
L
EE
µ
=
Ω
50mV/div
IN
OUT
50mV/div
MAX4040/42/44 fig06b
100
µs/div
RISO = NONE, RL = 100kΩ, CL = 700pF
Figure 6b. Pulse Response without Isolating Resistor
50mV/div
IN
OUT
50mV/div
MAX4040/42/44 fig06c
100
µs/div
RISO = 1kΩ, RL = 100kΩ, CL = 700pF
Figure 6c. Pulse Response with Isolating Resistor
RISO
CL
RL
MAX4040–
MAX4044
AV =
RL
≈ 1
RL + RISO
Figure 6a. Using a Resistor to Isolate a Capacitive Load from
the Op Amp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com