Electronic Components Datasheet Search
  English  ▼

X  

SCG2230G Datasheet(PDF) 13 Page - Connor-Winfield Corporation

Part # SCG2230G
Description  Synchronous Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG2230G Datasheet(HTML) 13 Page - Connor-Winfield Corporation

Back Button SCG2230G Datasheet HTML 8Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 9Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 10Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 11Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 12Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 13Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 14Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 15Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 16Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet #: SG126
Page 13 of 16
Rev: 00
Date: 04/25/06
© Copyright 2006 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
Solder Profile
Figure 14
Temp
0
100
150
200
250
50
12345678
Time(minutes)
(C˚)
Recommended Reflow Profile
Peak Temp:217C˚
MaxRiseSlope:1.5 C˚/Sec
Time Above150C˚:100Sec
SCG2230G Footprint vs SCG2000 Series Footprint
Figure 15
SCG2230G is mechanically and functionally compatible with SCG2000 Series to allow use of either part. Refer to the
SCG2000 Series data sheet for exact pin functions.
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
Pin 7
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
Pin 7
Pin 14
Pin 13
Pin 12
Pin 11
Pin 10
Pin 9
Pin 8
Pin 8
Pin 9
Pin 18
Pin 17
Pin 16
Pin 15
Pin 14
Pin 13
Pin 12
Pin 11
Pin 10
SCG2230G
18 pin Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com