Electronic Components Datasheet Search
  English  ▼

X  

SCG2230G Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # SCG2230G
Description  Synchronous Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG2230G Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  SCG2230G Datasheet HTML 1Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 2Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 3Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 4Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 5Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 6Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 7Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 8Page - Connor-Winfield Corporation SCG2230G Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Data Sheet #: SG126
Page 2 of 16
Rev: 00
Date: 04/25/06
© Copyright 2006 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Functional Block Diagram
Figure 1
ALARM
DETECTION
Reference Input
(Pin 12)
DIVIDER
DPFD
ANALOG
FILTER
DIVIDER
FREE RUN
CONTROL
Free Run Enable
(Pin 5)
Input Freq. Select A
(Pin 18)
LOR Alarm Output
(Pin 6)
VCXO
LOL Alarm Output
(Pin 7)
LVPECL Output
(Pin 9)
CMOS Output
(Pin 13)
CMOS
Reference Output
(Pin 1)
Input Freq. Select B
(Pin 17)
Control 3
(Pin 14)
LVPECL Output
(Pin 8)
LVPECL
DRIVER
10 k
Ω
Control 1
(Pin 10)
10 k
Ω
Control 2
(Pin 11)
10 k
Ω
2.2 k
Ω
27
Ω
15 pf
10 k
Ω
10 k
Ω
33
Ω
33
Ω
Reference, (LOR), Loss-of-Lock, (LOL) and 3 output
frequencies (1LVPECL, 2 LVCMOS). During the LOR
alarm, the SCG2230G will also enter a Free Run state
which will guarantee a 20 ppm accurate output. Additionally
the Free Run mode may be entered manually by asserting
a high signal to the Free Run Enable pin.
The SCG2230G are 3.3 Volt components that typically
draw less than 200 mA. The SCG2230G has an acquisition
time of approximately 1.0 second and can be used in
applications that require temperature rating of 0° - 70° C.
The SCG2230G maximum package dimensions are .78” x
1.03” x .35” on a six layer FR4 board with surface mount
pins. The SCG2230G footprint is compatible with the
SCG2000 Series footprint with use of a slightly longer
footprint to allow use of either product for maximum
efficiency. Parts are assembled using high temperature
solder to withstand surface mount reflow process and is
ROHS compliant.
General Description
The SCG2230G like the SCG2000 Series, provides high precision
phase lock loop frequency translation for the telecommunication
applications. The SCG2230G generates an LVPECL differntial
output and two LVCMOS outputs from an intrinsically low jitter,
voltage controlled crystal oscillator. The SCG2230G also
provides a jitter attenuated, internal reference that is connected to
a Reference Output pin. Fur ther, SCG2230G allows user
selection of internal dividers for output frequency selection.
SCG2230G is well suited for use in line cards, service
termination cards and similar functions to provide reliable
reference, phase locked, synchronization for TDM, PDH, SONET
and SDH network equipment . The SCG2230G provides a low
phase gain (<0.2dB), jitter filtered, wander following output signal
synchronized to a superior Stratum or peer input reference
signal.
The SCG2230G include the following features: Selectable
output frequencies, Free Run, Tri-state, alarm outputs for Loss-of-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com