Electronic Components Datasheet Search
  English  ▼

X  

SCG3040 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # SCG3040
Description  Synchronous Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG3040 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  SCG3040 Datasheet HTML 1Page - Connor-Winfield Corporation SCG3040 Datasheet HTML 2Page - Connor-Winfield Corporation SCG3040 Datasheet HTML 3Page - Connor-Winfield Corporation SCG3040 Datasheet HTML 4Page - Connor-Winfield Corporation SCG3040 Datasheet HTML 5Page - Connor-Winfield Corporation SCG3040 Datasheet HTML 6Page - Connor-Winfield Corporation SCG3040 Datasheet HTML 7Page - Connor-Winfield Corporation SCG3040 Datasheet HTML 8Page - Connor-Winfield Corporation SCG3040 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Application
The SCG3040 is designed for use as a
reference input for OC-48 Framers and
SERDES. It generates less than 1 psRMS
jitter over the OC-48 bandwidth.
SCG3040 is well suited for use in line
cards, service termination cards and
similar functions to provide reliable
reference, phase locked, synchronization
for TDM, PDH, SONET, and SDH network
equipment. The SCG3040 provides a jitter
filtered, wander following output signal
synchronized to a superior Stratum or peer
input reference signal.
Features
• 3.3V High
Precision PLL
• Two Differential
LVPECL Outputs.
155.52 MHz or
77.76 MHz
• 19.44 MHz CMOS
Input Reference
• Reference Duty
Cycle Tolerant
• Low Temperature
Reflow Surface
Mounting
SCG3040
Synchronous Clock
Generator
PLL
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
Bulletin
SG033
Page
1 of 12
Revision
P02
Date
22 NOV 04
Issued By
MBatts


Similar Part No. - SCG3040

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SCG3040G5 CONNOR-WINFIELD-SCG3040G5 Datasheet
274Kb / 12P
Synchronous Clock Generator
More results

Similar Description - SCG3040

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2280FV ROHM-BU2280FV Datasheet
272Kb / 6P
Clock Generator
BU2360FV ROHM-BU2360FV Datasheet
270Kb / 6P
Clock Generator
logo
Winbond
W83195BR-118 WINBOND-W83195BR-118 Datasheet
361Kb / 28P
Clock Generator
logo
Connor-Winfield Corpora...
SCG6500NT CONNOR-WINFIELD-SCG6500NT Datasheet
800Kb / 12P
Synchronous Clock Generator
SCG2230G CONNOR-WINFIELD-SCG2230G Datasheet
336Kb / 16P
Synchronous Clock Generator
SCG2500A CONNOR-WINFIELD-SCG2500A Datasheet
790Kb / 12P
Synchronous Clock Generator
SCG2560 CONNOR-WINFIELD-SCG2560 Datasheet
143Kb / 12P
Synchronous Clock Generator
SCG3040G5 CONNOR-WINFIELD-SCG3040G5 Datasheet
274Kb / 12P
Synchronous Clock Generator
SCG4503 CONNOR-WINFIELD-SCG4503 Datasheet
378Kb / 16P
Synchronous Clock Generator
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
Clock Generator
July, 2014 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com