Electronic Components Datasheet Search
  English  ▼

X  

SCG3040 Datasheet(PDF) 3 Page - Connor-Winfield Corporation

Part # SCG3040
Description  Synchronous Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG3040 Datasheet(HTML) 3 Page - Connor-Winfield Corporation

  SCG3040 Datasheet HTML 1Page - Connor-Winfield Corporation SCG3040 Datasheet HTML 2Page - Connor-Winfield Corporation SCG3040 Datasheet HTML 3Page - Connor-Winfield Corporation SCG3040 Datasheet HTML 4Page - Connor-Winfield Corporation SCG3040 Datasheet HTML 5Page - Connor-Winfield Corporation SCG3040 Datasheet HTML 6Page - Connor-Winfield Corporation SCG3040 Datasheet HTML 7Page - Connor-Winfield Corporation SCG3040 Datasheet HTML 8Page - Connor-Winfield Corporation SCG3040 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet #: SG033
Page 3 of 12
Rev: P02
Date: 11/ 22 / 04
© Copyright 2004 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
Recommended Operating Specifications
Table 2
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
V
CC
Power Supply Voltage
3.135
3.3
3.465
Volts
2, 9
I
CC
Power Supply Current
-
-
270
mA
5, 6
T
OP
Temperature Range
0
-
70
deg. C
F
O
Available Output Frequencies
Q1,Q2
77.76
-
155.52
MHz
F
REF
Reference Frequency
-
19.44
-
MHz
F
CAP
Capture/Pull-in Range
-25
-
25
ppm
F
BW
Jitter Filter Bandwidth
-
8
15
Hz
3
T
JTOL
Input Jitter Tolerance
-
-
31.25
us
(Input Jitter Frequencies > 10 Hz)
T
AQ
Acquisition Time
-
100
-
ms
4
J
GEN
Jitter Generation
Q1,Q2
-
-
1
ps RMS
7
Input And Output Characteristics
Table 3
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
CMOS Input Characteristics
V
IH
High Level Input Voltage
2
-
5.5
V
V
IL
Low Level Input Voltage
0
-
0.8
V
T
IR
Input Reference Pulse Width
12.5
-
-
nS
T
IRF
Input Rise and Fall Time (20% to 80%)
-
-
5
nS
8
LVPECL Output Characteristics
V
OH
High Level Output Voltage
2.27
2.34
2.52
V
5
V
OL
Low Level Output Voltage
1.49
1.51
1.68
V
5
C
L
Output Capacitance
-
-
10
pF
T
SKEW
Differential Output Skew
-
50
-
ps
5
T
RF
Output Rise and Fall Time (20% to 80%)
-
-
1
ns
5
DC
Duty Cycle
4550
55%
5
NOTES:
1: Operation of the device at these or any other condition beyond those
listed under Recommended Operating Specifications is not implied.
Exposure to Absolute Maximum Rating conditions for extended
periods of time may affect device reliability.
2: Requires external regulation and supply decoupling. (22uF, 330 pF)
3: 3dB loop response.
4: From a 20 ppm step in reference frequency.
5: With LVPECL termination as defined by figure 8 (Z
O = 50 Ω).
6: Maximum I
CC tested at VCC = 3.46V
7: Jitter based on SONET OC-48 bandwidth ( 12 kHz - 20 MHz).
8: Avoid meta-stable input signals
9: Vcc ramp rate must be monotonic rising. Ramp must be greater
than 300 V/s from 2V to 3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com