Electronic Components Datasheet Search
  English  ▼

X  

MAX4072 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4072
Description  Bidirectional, High-Side, Current-Sense Amplifiers with Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4072 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4072 Datasheet HTML 1Page - Maxim Integrated Products MAX4072 Datasheet HTML 2Page - Maxim Integrated Products MAX4072 Datasheet HTML 3Page - Maxim Integrated Products MAX4072 Datasheet HTML 4Page - Maxim Integrated Products MAX4072 Datasheet HTML 5Page - Maxim Integrated Products MAX4072 Datasheet HTML 6Page - Maxim Integrated Products MAX4072 Datasheet HTML 7Page - Maxim Integrated Products MAX4072 Datasheet HTML 8Page - Maxim Integrated Products MAX4072 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Bidirectional, High-Side, Current-Sense
Amplifiers with Reference
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VRS+ = VRS- = VCC = 2.7V to 24V, VSENSE = VRS+ - VRS- = 0V, IREFOUT = 0, VSHDN = VCC, VGSEL = GND, VREFIN = 2.5V (MAX4072),
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25
°C and at VCC = VRS+ = 12V.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX4071,
VCC = 2.7V
65
150
IOUT = 10µA,
VSENSE = 100mV,
VRS+ = VCC
MAX4069/MAX4070/
MAX4072,
VCC = 3.6V
65
150
MAX4071,
VCC = 2.7V
90
250
OUT Voltage High
VCC - VOH
IOUT = 500µA,
VSENSE = 100mV,
VRS+ = VCC
MAX4069/MAX4070/
MAX4072,
VCC = 3.6V
90
250
mV
MAX4071,
VCC = 2.7V
520
IOUT = -10µA,
VSENSE = -100mV,
VRS+ = VCC
MAX4069/MAX4070/
MAX4072,
VCC = 3.6V
520
MAX4071,
VCC = 2.7V
100
250
OUT Voltage Low
VOL
IOUT = -500µA,
VSENSE = -100mV,
VRS+ = VCC
MAX4069/MAX4070/
MAX4072,
VCC = 3.6V
100
250
mV
Gain = 50V/V
100
-3dB Bandwidth
BW
VSENSE = 50mV,
VCC = 12V, CL = 100pF Gain = 100V/V
40
kHz
GSEL = GND
50
Gain
AV
GSEL = VCC
100
V/V
Capacitive-Load Stability
100
pF
Power-Supply Rejection Ratio
PSRR
VCC = 2.7V to 24V
(MAX4069/MAX4071/MAX4072),
VCC = 3.6V to 24V (MAX4070)
100
120
dB
Logic Low Voltage (GSEL, SHDN)VIL
VCC = 3.6V or 24V
0.6
V
Logic High Voltage (GSEL, SHDN)VIH
VCC = 3.6V or 24V
2
V
Gain-Select Input Current
IGSEL
GSEL = VCC = 24V or GND
0.01
1
µA
SHDN = VCC = 24V
3
12
Shutdown Input Current
ISHDN
SHDN = GND, VCC = 24V
0.01
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com