Electronic Components Datasheet Search
  English  ▼

X  

MAX4072 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4072
Description  Bidirectional, High-Side, Current-Sense Amplifiers with Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4072 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4072 Datasheet HTML 1Page - Maxim Integrated Products MAX4072 Datasheet HTML 2Page - Maxim Integrated Products MAX4072 Datasheet HTML 3Page - Maxim Integrated Products MAX4072 Datasheet HTML 4Page - Maxim Integrated Products MAX4072 Datasheet HTML 5Page - Maxim Integrated Products MAX4072 Datasheet HTML 6Page - Maxim Integrated Products MAX4072 Datasheet HTML 7Page - Maxim Integrated Products MAX4072 Datasheet HTML 8Page - Maxim Integrated Products MAX4072 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Bidirectional, High-Side, Current-Sense
Amplifiers with Reference
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VRS+ = VRS- = VCC = 2.7V to 24V, VSENSE = VRS+ - VRS- = 0V, IREFOUT = 0, VSHDN = VCC, VGSEL = GND, VREFIN = 2.5V (MAX4072),
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25
°C and at VCC = VRS+ = 12V.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
REFOUT (MAX4069/MAX4070/MAX4071)
TA = +25
°C
2.44
2.49
2.54
MAX4069,
VCC = 12V
(Note 2)
TA = TMIN to TMAX
2.39
2.59
TA = +25
°C
2.45
2.5
2.55
MAX4070,
VCC = 12V
TA = TMIN to TMAX
2.40
2.60
TA = +25
°C
1.47
1.5
1.53
Reference Output Voltage
VREF
MAX4071,
VCC = 12V
TA = TMIN to TMAX
1.44
1.56
V
-40
°C ≤ TA ≤ +85°C15
Reference Output Voltage
Temperature Coefficient
TCVREF
VCC = 12V
TA = TMIN to TMAX
20
ppm/
°C
IREFOUT = 0 to 500µA
2
Load Regulation
∆VREFOUT
/
∆IREF
IREFOUT = 0 to -100µA
4
mV/mA
Line Regulation
∆VREF/
∆VCC
2.7V
≤ VCC ≤ 24V
20
µV/V
REF Capacitive-Load Stability
500
pF
Reference Adjust Voltage
Threshold
VADJ
MAX4069, VCC = 12V
1.230
V
Reference Output Voltage Range
MAX4069, range adjustable with R1 and R2,
VCC = 12V
VADJ to
+4
V
Reference Adjust Input Current
IADJ
MAX4069, VCC = 12V, VADJ = 1.23V
100
nA
REFIN (MAX4072 only)
Input-Voltage Range
VCC = 12V
1
4
V
Input Current
REFIN = 2.5V, VCC = 12V
-60
+20
µA
Note 1: All devices are 100% tested at TA = +25
°C. Limits over temperature are guaranteed by design.
Note 2: R1 = 215k
Ω, R2 = 210kΩ for the MAX4069 only (see Functional Diagram). This sets REFOUT to 2.49V nominal.
Note 3: Guaranteed by the PSRR test.
Note 4: The REFOUT voltage for the MAX4069 should be set such that it does not exceed VCC - 1.1V. Similarly, the maximum REFIN
voltage for the MAX4072 should also be less than VCC - 1.1V.
Note 5: Input-Referred Offset Voltage is defined as the voltage difference between OUT and REFOUT, divided by the selected gain
of either 50 or 100, when VSENSE = VRS+ - VRS- = 0V.
Note 6: The negative full-scale sense voltage is limited by the voltage range of OUT from VREFOUT to GND.
Note 7: Total OUT Voltage Error is the sum of offset voltage and gain errors. The output voltage is measured relative to the reference
(REFOUT or REFIN).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com