Electronic Components Datasheet Search
  English  ▼

X  

MAX4309ESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4309ESA
Description  400MHz, Ultra-Low-Distortion Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4309ESA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4309ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
400MHz, Ultra-Low-Distortion Op Amps
8
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, RL = 100Ω, TA = +25°C, unless otherwise noted.)
1000
0.1
0.1
1
10
100
1000
CLOSED-LOOP OUTPUT IMPEDANCE
vs. FREQUENCY
1
FREQUENCY (MHz)
10
100
100
90
0
0.2
1
10
100
1000
POWER-SUPPLY REJECTION
vs. FREQUENCY
20
10
FREQUENCY (MHz)
40
30
60
50
80
70
MAX4108/MAX4308
MAX4109/
MAX4309
110
100
10
0.1
1
10
100
1000
COMMON-MODE REJECTION
vs. FREQUENCY
30
20
FREQUENCY (MHz)
50
40
70
60
90
80
MAX4108/MAX4308
MAX4109/
MAX4309
4.0
3.5
3.0
0
10
50
30
90
70
110
130
150
OUTPUT SWING
vs. LOAD RESISTANCE
0.5
LOAD RESISTANCE (
Ω)
1.5
1.0
2.0
2.5
2.0
1.8
1.6
0.4
-75
-25
-50
50
25
0
75
100 125
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
0.6
TEMPERATURE (°C)
1.0
0.8
1.2
1.4
25
21
23
19
17
5
-75
-25
-50
50
25
0
75
100 125
INPUT BIAS CURRENT
vs. TEMPERATURE
7
TEMPERATURE (°C)
11
9
13
15
30
20
-30
-75
-25
-50
50
25
0
75
100 125
POWER-SUPPLY CURRENT
vs. TEMPERATURE
-20
-10
TEMPERATURE (°C)
10
0
NEGATIVE SUPPLY CURRENT
POSITIVE SUPPLY CURRENT
5.0
3.0
4.0
-5.0
-75
-25
-50
50
25
0
75
100 125
OUTPUT SWING
vs. TEMPERATURE
-3.0
-4.0
-2.0
-1.0
TEMPERATURE (°C)
2.0
1.0
0.0
RL = ∞
RL = ∞
RL = 100Ω
RL = 100Ω
0.100
0.020
-75
-25
-50
50
25
0
75
100 125
INPUT OFFSET CURRENT
vs. TEMPERATURE
0.040
TEMPERATURE (°C)
0.080
0.060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com