Electronic Components Datasheet Search
  English  ▼

X  

MAX4309ESA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4309ESA
Description  400MHz, Ultra-Low-Distortion Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4309ESA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4309ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
400MHz, Ultra-Low-Distortion Op Amps
______________________________________________________________________________________
11
before the reactive load prevents ringing and oscilla-
tion. At higher capacitive loads, AC performance will be
controlled by the interaction of the load capacitance
and isolation resistor. Figures 3a–3c show the effect of
an isolation resistor on the MAX4108/MAX4109/
MAX4308/MAX4309 closed-loop response.
Coaxial cable and other transmission lines are easily
driven when terminated at both ends with their charac-
teristic impedance. When driving back-terminated
transmission lines, the capacitance of the transmission
line is essentially eliminated.
ADC Input Buffers
Input buffer amplifiers can be a source of significant
errors in high-speed ADC applications. The input buffer
is usually required to rapidly charge and discharge the
ADC’s input, which is often capacitive (see the section
Driving Capacitive Loads). In addition, a high-speed
ADC’s input impedance often changes very rapidly
during the conversion cycle, requiring an amplifier with
very low output impedance at high frequencies to main-
tain measurement accuracy. The combination of high
speed, fast slew rate, low noise, and a low and stable
distortion over load makes the MAX4108/MAX4109/
MAX4308/MAX4309 ideally suited for use as buffer
amplifiers in high-speed ADC applications.
12
-8
0.1
1
100
10
1000
-2
FREQUENCY (MHz)
6
4
10
-6
-4
0
2
8
CL = 10pF
AVCL = +1
RS = 30Ω
RS = 10Ω
RS = 22Ω
Figure 3a. MAX4108 Response vs. Capacitive Load with
Resistive (RS) Isolation (circuit shown in Figure 1a)
11
1
0.1
1
100
10
1000
4
5
FREQUENCY (MHz)
8
10
2
3
6
7
9
RS = 15Ω
RS = 8.2Ω
CL = 10pF
AVCL = +2
Figure 3b. MAX4308 Response vs. Capacitive Load with
Resistive (RS) Isolation (circuit shown in Figure 1a)
4
-6
0.1
1
100
10
1000
-2
FREQUENCY (MHz)
1
3
-5
-3
-4
-1
0
2
CL = 10pF
AV = +5
RS = 8.2Ω
RS = 15Ω
RS = 47Ω
Figure 3c. MAX4108/MAX4309 Response vs. Capacitive Load
with Resistive (RS) Isolation (circuit shown in Figure 1a)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com