Electronic Components Datasheet Search
  English  ▼

X  

SCG3043 Datasheet(PDF) 10 Page - Connor-Winfield Corporation

Part # SCG3043
Description  Synchronous Clock Generators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG3043 Datasheet(HTML) 10 Page - Connor-Winfield Corporation

Back Button SCG3043 Datasheet HTML 4Page - Connor-Winfield Corporation SCG3043 Datasheet HTML 5Page - Connor-Winfield Corporation SCG3043 Datasheet HTML 6Page - Connor-Winfield Corporation SCG3043 Datasheet HTML 7Page - Connor-Winfield Corporation SCG3043 Datasheet HTML 8Page - Connor-Winfield Corporation SCG3043 Datasheet HTML 9Page - Connor-Winfield Corporation SCG3043 Datasheet HTML 10Page - Connor-Winfield Corporation SCG3043 Datasheet HTML 11Page - Connor-Winfield Corporation SCG3043 Datasheet HTML 12Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Data Sheet #: SG094
Page 10 of 12
Rev: P00
Date: 11/17/04
© Copyright 2004 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
100.0E-12
1.0E-9
0.01
0.1
1
10
100
1000
Observation Window ( Tau)
(seconds)
-3.5E+3
-3.0E+3
-2.5E+3
-2.0E+3
-1.5E+3
-1.0E+3
-500.0E+0
000.0E+0
500.0E+0
01
234
56
789
10
Time (sec)
Typical MTIE Plot
Figure 11
Typical Step Response due to a 20ppm Frequency Step
Figure 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com