Electronic Components Datasheet Search
  English  ▼

X  

SCG3043 Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # SCG3043
Description  Synchronous Clock Generators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG3043 Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  SCG3043 Datasheet HTML 1Page - Connor-Winfield Corporation SCG3043 Datasheet HTML 2Page - Connor-Winfield Corporation SCG3043 Datasheet HTML 3Page - Connor-Winfield Corporation SCG3043 Datasheet HTML 4Page - Connor-Winfield Corporation SCG3043 Datasheet HTML 5Page - Connor-Winfield Corporation SCG3043 Datasheet HTML 6Page - Connor-Winfield Corporation SCG3043 Datasheet HTML 7Page - Connor-Winfield Corporation SCG3043 Datasheet HTML 8Page - Connor-Winfield Corporation SCG3043 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Data Sheet #: SG094
Page 2 of 12
Rev: P00
Date: 11/17/04
© Copyright 2004 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Absolute Maximum Rating
Table 1
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
V
CC
Power Supply Voltage
-0.5
4
Volts
1
V
I
Input Voltage
-0.5
5.5
Volts
1
T
S
Storage Temperature
-65
150
deg. C
1
General Description
The SCG3043 is a mixed signal phase locked loop
generating 155.52 MHz LVPECL outputs from an
intrinsically low jitter voltage controlled crystal oscillator.
The SCG3043 is phase locked to an external 77.76 MHz
reference input. The SCG3043 is ideal for applications
using multiplication to obtain higher SONET frequencies.
Functional Block Diagram
Figure 1
Filter
LVPECL
Driver
Low
Jitter
VCXO
Divider
REF
Q1
QN1
Q2
QN2
The package dimensions are 0.75" x 1.25" x .45" on
a 6 layer, designed impedance, FR4 board with
castellated pins. Parts are assembled using high
temperature solder to withstand surface mount reflow
processes. See Fig. 4 for the solder profile.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com