Electronic Components Datasheet Search
  English  ▼

X  

SCG3050 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # SCG3050
Description  Synchronous Clock Generators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG3050 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  SCG3050 Datasheet HTML 1Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 2Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 3Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 4Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 5Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 6Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 7Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 8Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Application
The SCG3050 is designed for use as a
reference input for OC-48 Framers and
SERDES. It generates less than 1 psRMS
jitter over the OC-48 bandwidth.
SCG3050 is well suited for use in line
cards, service termination cards and
similar functions to provide reliable
reference, phase locked, synchronization
for TDM, PDH, SONET, and SDH network
equipment. The SCG3050 provides a jitter
filtered, wander following output signal
synchronized to a superior Stratum or peer
input reference signal.
Features
• 3.3V High
Precision PLL
• Two Differential
LVPECL Outputs
@ 155.52 MHz
• 8 kHz CMOS
Input Reference
• Reference Duty
Cycle Tolerant
• Low Temperature
Reflow Surface
Mounting
SCG3050 Series
Synchronous Clock
Generators
PLL
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
Bulletin
SG032
Page
1 of 12
Revision
P01
Date
11 DEC 02
Issued By
MBatts


Similar Part No. - SCG3050

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
329Kb / 3P
N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019_15 Datasheet
329Kb / 3P
N-Channel Enhancement MOSFET
logo
Connor-Winfield Corpora...
SCG3040 CONNOR-WINFIELD-SCG3040 Datasheet
751Kb / 12P
Synchronous Clock Generator
SCG3040G5 CONNOR-WINFIELD-SCG3040G5 Datasheet
274Kb / 12P
Synchronous Clock Generator
More results

Similar Description - SCG3050

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SCG102A CONNOR-WINFIELD-SCG102A Datasheet
220Kb / 8P
Synchronous Clock Generators
SCG2000 CONNOR-WINFIELD-SCG2000 Datasheet
523Kb / 20P
Synchronous Clock Generators
SCG2000I CONNOR-WINFIELD-SCG2000I Datasheet
1Mb / 16P
Synchronous Clock Generators
SCG2500 CONNOR-WINFIELD-SCG2500 Datasheet
893Kb / 10P
Synchronous Clock Generators
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
381Kb / 16P
Synchronous Clock Generators
SCG4500 CONNOR-WINFIELD-SCG4500 Datasheet
2Mb / 16P
Synchronous Clock Generators
SCG2503 CONNOR-WINFIELD-SCG2503 Datasheet
210Kb / 12P
Synchronous Clock Generators
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
387Kb / 16P
Synchronous Clock Generators
SCG4001 CONNOR-WINFIELD-SCG4001 Datasheet
334Kb / 12P
Synchronous Clock Generators
SFX-200G CONNOR-WINFIELD-SFX-200G Datasheet
141Kb / 8P
Synchronous Clock Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com