Electronic Components Datasheet Search
  English  ▼

X  

SCG3050 Datasheet(PDF) 5 Page - Connor-Winfield Corporation

Part # SCG3050
Description  Synchronous Clock Generators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG3050 Datasheet(HTML) 5 Page - Connor-Winfield Corporation

  SCG3050 Datasheet HTML 1Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 2Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 3Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 4Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 5Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 6Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 7Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 8Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet #: SG032
Page 5 of 12
Rev: P01
Date: 12/11/ 02
© Copyright 2002 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
Solder Profile
Figure 4
Temp
0
100
150
200
250
50
12345678
Time(minutes)
(C˚)
Recommended Reflow Profile
Peak Temp:217C˚
MaxRiseSlope:1.5 C˚/Sec
Time Above150C˚:100Sec
Recommended Footprint Dimensions
Figure 3
0.080 TYP [2.03mm]
0.950 TYP [24.13mm]
0.050 TYP [1.27mm]
0.050 TYP [1.27mm]
0.100 TYP [2.54mm]
0.640 TYP [16.26mm]
0.800 TYP [20.32mm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com